Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ1085CS-2.5E1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1085CS-2.5E1
Description  3A LOW DROPOUT LINEAR REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1085CS-2.5E1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ1085CS-2.5E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ1085CS-2.5E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ1085CS-2.5E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1085CS-2.5E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1085CS-2.5E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1085CS-2.5E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1085CS-2.5E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1085CS-2.5E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1085CS-2.5E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
3A LOW DROPOUT LINEAR REGULATOR
AZ1085C
Data Sheet
1
Jan. 2013 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
General Description
The AZ1085C is a series of low dropout positive volt-
age regulators with a maximum dropout of 1.5V at 3A
of load current.
The series features on-chip thermal shutdown. It also
includes a bandgap reference and a current limiting cir-
cuit.
The AZ1085C is available in 1.5V, 1.8V, 2.5V, 3.3V,
5.0V and adjustable versions. The fixed versions inte-
grate the adjust resistors. The adjustable version can
set the output voltage with two external resistors.
The AZ1085C series is available in standard packages
of TO-263-3, TO-263-2, TO-252-2 (3) and TO-252-2
(4).
Features
·
Low Dropout Voltage: Typical 1.3V at 3A
·
Current Limiting and Thermal Protection
·
Output Current: 3A
·
Current Limit: 4.5A
·
Operating Junction Temperature: 0 to 125oC
·
Compatible with Low ESR Ceramic Capacitor
·
Line Regulation: 0.015% (Typ)
·
Load Regulation: 0.1% (Typ)
Applications
·
High Efficiency Linear Regulators
·
Battery Charger
·
Post Regulation for Switching Supplies
·
Microprocessor Supply
·
Mother Board Power Supplies
·
DVD-Video Player
·
Telecom Equipment
·
Set Top boxes and Web Boxes Modules' Supply
Figure 1. Package Types of AZ1085C
TO-263-2
TO-263-3
TO-252-2 (3)
TO-252-2 (4)


Similar Part No. - AZ1085CS-2.5E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
AZ1085 BCDSEMI-AZ1085 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
AZ1085 BCDSEMI-AZ1085 Datasheet
1Mb / 21P
   3A LOW DROPOUT LINEAR REGULATOR
AZ1085D-1.5 BCDSEMI-AZ1085D-1.5 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
AZ1085D-1.5E1 BCDSEMI-AZ1085D-1.5E1 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1085CS-2.5E1

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085 ACE-ACE1085 Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com