Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ1117E Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1117E
Description  1.0A LOW DROPOUT LINEAR REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1117E Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ1117E Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ1117E Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ1117E Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1117E Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1117E Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1117E Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1117E Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1117E Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1117E Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Preliminary Datasheet
1.0A LOW DROPOUT LINEAR REGULATOR
AZ1117E
Mar. 2013 Rev 1. 0
BCD Semiconductor Manufacturing Limited
1
General Description
The AZ1117E is a low dropout three-terminal
regulator with 1.0A output current ability, and the
dropout voltage is specified at typical 1.1V at 1.0A
current load, decreasing at lower load currents.
The AZ1117E has been optimized for low voltage
where transient response and minimum input voltage
are critical. It provides current limit and thermal
shutdown protection solutions. Its circuit includes a
trimmed band gap reference to assure output voltage
accuracy to be within ±1%. On-chip thermal
shutdown provides protection against a combination
of high current and ambient temperature that would
create excessive junction temperature.
The AZ1117E is available in 1.2V, 1.5V, 1.8V, 2.5V,
3.3V and 5.0V fixed output voltage versions and ADJ
output voltage version. The fixed versions integrate
the adjust resistors.
The AZ1117E is available in the industry-standard
TO-252-2 (3) and SOT-223 packages.
Features
Provide ADJ version (VREF=1.25V) and fixed
voltage 1.2V, 1.5V, 1.8V, 2.5V, 3.3V and 5.0V
with accuracy ±1% (except 1.2V)
Current Limit: 1.3A (Typ.)
Dropout Voltage: 1.1V (Typ.) @IOUT=1A
Regulator Stable with Low ESR MLCC
Excellent Line Regulation: 0.001%/V (Typ.) @
IOUT=30mA
Excellent Load Regulation: 0.2%/A @IOUT=1A
Quiescent Current: 3.5mA
Low Output Noise
PSRR: 70dB
OTSD Protection
Operation Junction Temperature:
-40°C to 125°C
Applications
TVs and LCD Monitors
PC Peripherals: Notebooks, Motherboards
STB
Figure 1. Package Types of AZ1117E
SOT-223
TO-252-2 (3)


Similar Part No. - AZ1117E

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117 Datasheet
224Kb / 24P
   1A LOW DROPOUT LINEAR REGULATOR
AZ1117 BCDSEMI-AZ1117 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ1117 DIODES-AZ1117 Datasheet
554Kb / 32P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
More results

Similar Description - AZ1117E

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR18943A UTC-LR18943A Datasheet
194Kb / 5P
   1.0A LOW DROPOUT LINEAR REGULATOR
LR1812 UTC-LR1812 Datasheet
243Kb / 6P
   1.0A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1801 UTC-LR1801_18 Datasheet
371Kb / 11P
   1.0A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1802 UTC-LR1802 Datasheet
203Kb / 5P
   1.0A LOW DROPOUT LINEAR REGULATOR WITH OUTPUT
logo
National Semiconductor ...
LP8340 NSC-LP8340 Datasheet
304Kb / 14P
   Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
logo
Calogic, LLC
CLM2810 CALOGIC-CLM2810 Datasheet
26Kb / 2P
   1.0A Low Dropout Regulator
logo
KODENSHI_AUK CORP.
A78R33PIC KODENSHI-A78R33PIC Datasheet
359Kb / 7P
   1.0A output low dropout regulator
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com