Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ1117EH-1.2TRG1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1117EH-1.2TRG1
Description  1.0A LOW DROPOUT LINEAR REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1117EH-1.2TRG1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ1117EH-1.2TRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ1117EH-1.2TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1117EH-1.2TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1117EH-1.2TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1117EH-1.2TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1117EH-1.2TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1117EH-1.2TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1117EH-1.2TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ1117EH-1.2TRG1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Preliminary Datasheet
1.0A LOW DROPOUT LINEAR REGULATOR
AZ1117E
Mar. 2013 Rev 1. 0
BCD Semiconductor Manufacturing Limited
6
Typical Performance Characteristics
Figure 3. Line Regulation vs. Temperature
Figure 4. Load Regulation vs. Temperature
Figure 5. Reference Voltage vs. Temperature
Figure 6. Output Voltage vs. Temperature
-40
-20
0
20
40
60
80
100
120
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Temperature (
OC)
AZ1117E-3.3V
V
IN
=4.8V to 12V,
I
OUT
=10mA
Continuous Airflow 10scfm
-40
-20
0
20
40
60
80
100
120
1.20
1.21
1.22
1.23
1.24
1.25
1.26
1.27
Temperature (
OC)
AZ1117E-ADJ
V
IN
=V
OUT
+1.5V, I
OUT
=10mA
Continuous Airflow 10scfm
-40
-20
0
20
40
60
80
100
120
-20
-15
-10
-5
0
5
10
15
20
Temperature (
OC)
AZ1117E-3.3V
V
IN
=5V
I
OUT
=10mA to 500mA
Continuous Airflow 10scfm
-40
-20
0
20
40
60
80
100
120
3.10
3.15
3.20
3.25
3.30
3.35
3.40
Temperature (
OC)
AZ1117E-3.3V
V
IN
=5V, I
OUT
=10mA
Continuous Airflow 10scfm


Similar Part No. - AZ1117EH-1.2TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117 Datasheet
224Kb / 24P
   1A LOW DROPOUT LINEAR REGULATOR
AZ1117 BCDSEMI-AZ1117 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ1117 DIODES-AZ1117 Datasheet
554Kb / 32P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
More results

Similar Description - AZ1117EH-1.2TRG1

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR18943A UTC-LR18943A Datasheet
194Kb / 5P
   1.0A LOW DROPOUT LINEAR REGULATOR
LR1812 UTC-LR1812 Datasheet
243Kb / 6P
   1.0A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1801 UTC-LR1801_18 Datasheet
371Kb / 11P
   1.0A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1802 UTC-LR1802 Datasheet
203Kb / 5P
   1.0A LOW DROPOUT LINEAR REGULATOR WITH OUTPUT
logo
National Semiconductor ...
LP8340 NSC-LP8340 Datasheet
304Kb / 14P
   Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
logo
Calogic, LLC
CLM2810 CALOGIC-CLM2810 Datasheet
26Kb / 2P
   1.0A Low Dropout Regulator
logo
KODENSHI_AUK CORP.
A78R33PIC KODENSHI-A78R33PIC Datasheet
359Kb / 7P
   1.0A output low dropout regulator
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com