Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ4052M-G1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZ4052M-G1
Description  Dual 4-channel Analog Multiplexer/Demultiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ4052M-G1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ4052M-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ4052M-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ4052M-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ4052M-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ4052M-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ4052M-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ4052M-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ4052M-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ4052M-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Preliminary Datasheet
Dual 4-channel Analog Multiplexer/Demultiplexer
AZ4052
Oct. 2011 Rev. 1.1
BCD Semiconductor Manufacturing Limited
1
General Description
The AZ4052 is high-speed si-gate CMOS device. The
AZ4052 is dual 4-channel analog multiplexers or
demultiplexers with common select logic. Each
multiplexer has four independent inputs/outputs (pins
nY0 to nY3) and a common input/output (pin nZ).
The common channel select logics include two digital
select inputs (pins S0 and S1) and an active LOW
enable input (pin E
___
). When pin E
___
=LOW, one of the
four switches is selected (Low-impedance On-state)
with pins S0 and S1. When pin E
___
=HIGH, all
switches are in the high-impedance Off-state,
independent of pins S0 and S1. VCC and GND are the
supply voltage pins for the digital control inputs (pins
S0, S1 and E
___
). The VCC to GND ranges are 3.0V to
10V. The analog inputs/outputs (pins nY0 to nY3 and
nZ) can swing between VCC as a positive limit and
VEE as a negative limit. VCC-VEE may not exceed 10V.
For operation as a digital multiplexer/demultiplexer,
VEE is connected to GND (Typically Ground).
The AZ4052 is available in standard packages of
SOIC-16 and DIP-16.
Features
Wide Operation Voltage: ±5.0V or 10V
Low On-resistance:
- 55Ω (Typ.) at VCC-VEE=5V
- 40Ω ( Typ.) at VCC-VEE=10V
Ultra Low THD+N:
0.003% @ 10V, 0.008% @ 5.0V
Ultra Low Crosstalk: -120dB
Ultra Low Noise: 6.0μVRMS
Operating Temperature: -40ºC to 85ºC
Applications
LCD TV/PDP TV/CRT TV
4:1 Multi-channel Signal Selecting
Function Table
Control Input
On Channel
E
___
S1
S0
L
L
L
nY0
nZ
L
L
H
nY1
nZ
L
H
L
nY2
nZ
L
H
H
nY3
nZ
H
X
X
None
Figure 1. Package Types of AZ4052
SOIC-16
DIP-16


Similar Part No. - AZ4052M-G1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AZ4001 PANASONIC-AZ4001 Datasheet
677Kb / 21P
   QL (AZ4) Micro Limit Switch
2006
logo
AMAZING Microelectronic...
AZ4007-01H AMAZING-AZ4007-01H Datasheet
1Mb / 6P
   Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2013/07/08
AZ4007-01H.R7G AMAZING-AZ4007-01H.R7G Datasheet
1Mb / 6P
   Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2013/07/08
AZ4007-01L AMAZING-AZ4007-01L Datasheet
136Kb / 7P
   Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/10/26
AZ4007-01L.R7G AMAZING-AZ4007-01L.R7G Datasheet
136Kb / 7P
   Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/10/26
More results

Similar Description - AZ4052M-G1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com