Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ1085CS-5.0G1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1085CS-5.0G1
Description  3A LOW DROPOUT LINEAR REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1085CS-5.0G1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AZ1085CS-5.0G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ1085CS-5.0G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ1085CS-5.0G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1085CS-5.0G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1085CS-5.0G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1085CS-5.0G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1085CS-5.0G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1085CS-5.0G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1085CS-5.0G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
3A LOW DROPOUT LINEAR REGULATOR
AZ1085C
Data Sheet
5
Jan. 2013 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
Ordering Information (Continued)
Package
Temperature Range
Part Number
Marking ID
Packing
Type
TO-252-2(3)/TO-252-2(4)
0 to 125oC
AZ1085CD-ADJTRG1
AZ1085CD-ADJG1
Tape & Reel
AZ1085CD-1.5TRG1
AZ1085CD-1.5G1
Tape & Reel
AZ1085CD-1.8TRG1
AZ1085CD-1.8G1
Tape & Reel
AZ1085CD-2.5TRG1
AZ1085CD-2.5G1
Tape & Reel
AZ1085CD-3.3TRG1
AZ1085CD-3.3G1
Tape & Reel
AZ1085CD-5.0TRG1
AZ1085CD-5.0G1
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with
"G1" suffix are available in green packages.


Similar Part No. - AZ1085CS-5.0G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
AZ1085 BCDSEMI-AZ1085 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
AZ1085 BCDSEMI-AZ1085 Datasheet
1Mb / 21P
   3A LOW DROPOUT LINEAR REGULATOR
AZ1085D-1.5 BCDSEMI-AZ1085D-1.5 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
AZ1085D-1.5E1 BCDSEMI-AZ1085D-1.5E1 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1085CS-5.0G1

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085 ACE-ACE1085 Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com