Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ2940S-3.3G1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AZ2940S-3.3G1
Description  1A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ2940S-3.3G1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AZ2940S-3.3G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ2940S-3.3G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ2940S-3.3G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ2940S-3.3G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ2940S-3.3G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ2940S-3.3G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ2940S-3.3G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ2940S-3.3G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ2940S-3.3G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940
Data Sheet
4
Sept. 2011 Rev. 2. 4
BCD Semiconductor Manufacturing Limited
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with
"G1" suffix are available in green packages.
Package
Temperature
Range
Part Number
Marking ID
Packing
Type
Lead Free
Green
Lead Free
Green
TO-220-3
-40 to 125oC
AZ2940T-3.3E1
AZ2940T-3.3G1
AZ2940T-3.3E1
AZ2940T-3.3G1
Tube
AZ2940T-5.0E1
AZ2940T-5.0G1
AZ2940T-5.0E1
AZ2940T-5.0G1
Tube
TO-263-3
AZ2940S-3.3E1
AZ2940S-3.3G1
AZ2940S-3.3E1
AZ2940S-3.3G1
Tube
AZ2940S-3.3TRE1
AZ2940S-3.3TRG1
AZ2940S-3.3E1
AZ2940S-3.3G1
Tape & Reel
AZ2940S-5.0E1
AZ2940S-5.0G1
AZ2940S-5.0E1
AZ2940S-5.0G1
Tube
AZ2940S-5.0TRE1
AZ2940S-5.0TRG1
AZ2940S-5.0E1
AZ2940S-5.0G1
Tape & Reel
TO-252-2 (1)
/TO-252-2 (3)
-40 to 125oC
AZ2940D-1.2G1
AZ2940D-1.2G1
Tube
AZ2940D-1.2TRG1
AZ2940D-1.2G1
Tape & Reel
AZ2940D-1.8E1
AZ2940D-1.8G1
AZ2940D-1.8E1
AZ2940D-1.8G1
Tube
AZ2940D-1.8TRE1
AZ2940D-1.8TRG1
AZ2940D-1.8E1
AZ2940D-1.8G1
Tape & Reel
AZ2940D-2.5E1
AZ2940D-2.5G1
AZ2940D-2.5E1
AZ2940D-2.5G1
Tube
AZ2940D-2.5TRE1
AZ2940D-2.5TRG1
AZ2940D-2.5E1
AZ2940D-2.5G1
Tape & Reel
AZ2940D-3.3E1
AZ2940D-3.3G1
AZ2940D-3.3E1
AZ2940D-3.3G1
Tube
AZ2940D-3.3TRE1
AZ2940D-3.3TRG1
AZ2940D-3.3E1
AZ2940D-3.3G1
Tape & Reel
AZ2940D-5.0E1
AZ2940D-5.0G1
AZ2940D-5.0E1
AZ2940D-5.0G1
Tube
AZ2940D-5.0TRE1
AZ2940D-5.0TRG1
AZ2940D-5.0E1
AZ2940D-5.0G1
Tape & Reel
SOT-223
-40 to 125oC
AZ2940H-1.2TRG1
GH12B
Tape & Reel
AZ2940H-1.8TRG1
GH12F
Tape & Reel
AZ2940H-2.5TRG1
GH12G
Tape & Reel
AZ2940H-3.3TRG1
GH12H
Tape & Reel
AZ2940H-5.0TRG1
GH12J
Tape & Reel
Package
Circuit Type
T: TO-220-3
AZ2940
S: TO-263-3
-
3.3: Fixed Output 3.3V
E1: Lead Free
TR: Tape and Reel
Blank: Tube
5.0: Fixed Output 5.0V
D: TO-252-2 (1)/TO-252-2 (3)
2.5: Fixed Output 2.5V
Ordering Information
-40 to 125oC
1.8: Fixed Output 1.8V
G1: Green
H: SOT-223
1.2: Fixed Output 1.2V


Similar Part No. - AZ2940S-3.3G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940S-3.3 BCDSEMI-AZ2940S-3.3 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940S-3.3 BCDSEMI-AZ2940S-3.3 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940S-3.3E1 BCDSEMI-AZ2940S-3.3E1 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940S-3.3E1 BCDSEMI-AZ2940S-3.3E1 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940S-3.3TR BCDSEMI-AZ2940S-3.3TR Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ2940S-3.3G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3940 HTC-TJ3940 Datasheet
287Kb / 8P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com