Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ1084CS2-5.0TRG1 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1084CS2-5.0TRG1
Description  5A LOW DROPOUT LINEAR REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1084CS2-5.0TRG1 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ1084CS2-5.0TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1084CS2-5.0TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1084CS2-5.0TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1084CS2-5.0TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1084CS2-5.0TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1084CS2-5.0TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ1084CS2-5.0TRG1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ1084CS2-5.0TRG1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ1084CS2-5.0TRG1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
5A LOW DROPOUT LINEAR REGULATOR
AZ1084C
Data Sheet
8
Jan. 2013 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
Electrical Characteristics (Continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Load Regulation
ΔVOUT
AZ1084C-ADJ, 0mA
≤IOUT≤5A,
VIN-VOUT=3V
0.1
0.2
0.3
0.4
%
AZ1084C-1.5, 0mA
≤IOUT≤5A,
VIN-VOUT=3V
3
7
15
20
mV
AZ1084C-1.8, 0mA
≤ IOUT≤5A,
VIN-VOUT=3V
3
7
15
20
mV
AZ1084C-2.5, 0mA
≤IOUT≤5A,
VIN-VOUT=3V
3
7
15
20
mV
AZ1084C-3.3, 0mA
≤IOUT≤5A,
VIN-VOUT=3V
3
7
15
20
mV
AZ1084C-5.0, 0mA
≤IOUT≤5A,
VIN-VOUT=3V
5
10
20
35
mV
Dropout Voltage
VDROP
IOUT=4.5A, ΔVREF, ΔVOUT=1%
1.35
1.5
V
Thermal Resistance
(Junction to Case)
θJC
TO-263-3
4.15
oC/W
TO-263-2
4.15
TO-252-2 (3)/TO-252-2 (4)
7.36
Current Limit
ILIMIT
VIN-VOUT=3V
5.5
6.5
A
Minimum
Load Current
ILOAD (MIN) VIN=10V (AZ1084C-ADJ)
3
10
mA
Quiescent Current
IQ
VIN=10V (AZ1084C)
5
10
mA
Ripple Rejection
PSRR
fRIPPLE=120Hz, COUT=25μF Tantalum,
IOUT=5A, VIN-VOUT=3V
60
72
dB
Adjust Pin Current
IADJ
VIN=4.25V, IOUT=10mA
55
120
μA
Adjust Pin Current
Change
ΔIADJ
10mA
≤IOUT≤5A,
1.5V
≤(VIN-VOUT)≤4.5V
0.2
5
μA
Temperature
Stability
IOUT=10mA, VIN-VOUT=1.5
0.5
%
Long Term Stability
TA=125oC, 1000Hrs
0.5
%
RMS Noise
(% of VOUT)
10Hz
≤f≤10kHz
0.003
%
Typicals and limits appearing in normal type apply for TJ=25oC. Limits appearing in Boldface type apply over
the entire operating junction temperature range.


Similar Part No. - AZ1084CS2-5.0TRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ1084CS2-5.0TRG1 DIODES-AZ1084CS2-5.0TRG1 Datasheet
791Kb / 22P
   5A LOW DROPOUT LINEAR REGULATOR
May 2022 Rev. 4 - 2
More results

Similar Description - AZ1084CS2-5.0TRG1

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com