Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ1117CR2-1.8TRG1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1117CR2-1.8TRG1
Description  LOW DROPOUT LINEAR REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1117CR2-1.8TRG1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ1117CR2-1.8TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1117CR2-1.8TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1117CR2-1.8TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1117CR2-1.8TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1117CR2-1.8TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ1117CR2-1.8TRG1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ1117CR2-1.8TRG1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ1117CR2-1.8TRG1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZ1117CR2-1.8TRG1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
600mA LOW DROPOUT LINEAR REGULATOR
AP2317
600mA LOW DROPOUT LINEAR REGULATOR
AP1117M
LOW DROPOUT LINEAR REGULATOR
AZ1117C
9
Nov. 2012 Rev. 1. 8
BCD Semiconductor Manufacturing Limited
Data Sheet
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
1.5V
≤VIN-VOUT≤10V
1.485
1.5
1.515
V
1.470
1.5
1.530
Line Regulation
VRLINE
1.5V
≤VIN-VOUT≤10V
0.5
6
mV
10
Load Regulation
VRLOAD
2
15
mV
Dropout Voltage
VDROP
ΔVOUT=1%,
IOUT=0.8A
SOT-223
1.2
1.3
V
TO-252-2 (3)/TO-252-2 (4)
1.3
1.4
V
Current Limit
ILIMIT
11.35
A
Quiescent Current
IQ
IOUT=0
4
6
mA
Ripple Rejection
PSRR
f=120Hz, COUT=22μF
(VIN-VOUT)=3V, IOUT=300mA
70
dB
Temperature Stability
0.5
%
RMS Output Noise
(% of VOUT)
TA=25oC, 10Hz≤f≤10KHz
0.003
%
Thermal Shutdown
Junction Temperature
160
oC
Thermal Shutdown
Hysteresis
16
oC
Thermal Resistance
(Junction to Case)
θJC
SOT-89
30
oC/W
SOT-223
15
TO-252-2 (3)/TO-252-2 (4)
10
Electrical Characteristics (Continued)
AZ1117C-1.5 Electrical Characteristics
Operating Conditions: VIN≤10V, IOUT=10mA, TJ=25oC, unless otherwise specified. (P≤maximum power dissipation). Limits
appearing in Boldface type apply over the entire junction temperature range for operation, -20oC to 125oC.


Similar Part No. - AZ1117CR2-1.8TRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ1117CR2-1.8TRG1 DIODES-AZ1117CR2-1.8TRG1 Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1117CR2-1.8TRG1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
   Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
   Low Dropout Linear Regulator
logo
Analog Devices
ADP3308 AD-ADP3308_15 Datasheet
128Kb / 8P
   Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com