Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ7500EM-E1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZ7500EM-E1
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ7500EM-E1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ7500EM-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ7500EM-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ7500EM-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ7500EM-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ7500EM-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ7500EM-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ7500EM-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ7500EM-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ7500EM-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E
Data Sheet
1
Sep. 2009 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
General Description
The AZ7500E is a voltage mode pulse width modula-
tion switching regulator control circuit designed pri-
marily for power supply control.
The AZ7500E consists of a reference voltage circuit,
two error amplifiers, an on-chip adjustable oscillator, a
dead-time control (DTC) comparator, a pulse-steering
control flip-flop, and an output control circuit. The pre-
cision of voltage reference (VREF) is improved up to ±
1% through trimming and this provides a better output
voltage regulation. The AZ7500E provides for push-
pull or single-ended output operation, which can be
selected through the output control.
AZ7500E is the enhanced version of AZ7500B for it
improves REF Pin's reliability comparing with
AZ7500B.
The AZ7500E is available in standard packages of
DIP-16 and SOIC-16.
Features
·
Stable 4.95V Reference Voltage Trimmed to
±1.0% Accuracy
·
Uncommitted Output TR for 200mA Sink or
Source Current
·
Single-End or Push-Pull Operation Selected by
Output Control
·
Internal Circuitry Prohibits Double Pulse at Either
Output
·
Complete PWM Control Circuit with Variable
Duty Cycle
·
On-Chip Oscillator With Master or Slave Opera-
tion
Applications
·
SMPS
·
Back Light Inverter
·
Charger
Figure 1. Package Types of AZ7500E
SOIC-16
DIP-16


Similar Part No. - AZ7500EM-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - AZ7500EM-E1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com