Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C4V7S Datasheet(PDF) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # BZT52C4V7S
Description  ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

BZT52C4V7S Datasheet(HTML) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  BZT52C4V7S Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. BZT52C4V7S Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. BZT52C4V7S Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. BZT52C4V7S Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BZT52C2V4S
BZT52C2V7S
BZT52C3V0S
BZT52C3V3S
BZT52C3V6S
BZT52C3V9S
BZT52C4V3S
BZT52C4V7S
BZT52C5V1S
BZT52C5V6S
BZT52C6V2S
BZT52C6V8S
BZT52C7V5S
BZT52C8V2S
BZT52C9V1S
BZT52C10S
BZT52C11S
BZT52C12S
BZT52C13S
BZT52C15S
BZT52C16S
BZT52C18S
BZT52C20S
BZT52C22S
BZT52C24S
BZT52C27S
BZT52C30S
BZT52C33S
BZT52C36S
BZT52C39S
WX
W1
W2
W3
W4
W5
W6
W7
W8
W9
WA
WB
WC
WD
WE
WF
WG
WH
WI
WJ
WK
WL
WM
WN
WO
WP
WQ
WR
WS
WT
2.2
2.5
2.8
3.1
3.4
3.7
4.0
4.4
4.8
5.2
5.8
6.4
7.0
7.7
8.5
9.4
10.4
11.4
12.4
13.8
15.3
16.8
18.8
20.8
22.8
25.1
28.0
31.0
34.0
37.0
Type Number
Type
Code
Zener Voltage Range (Note 2)
Nom(V)
2.4
2.7
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
Min(V) Max(V)
2.6
2.9
3.2
3.5
3.8
4.1
4.6
5.0
5.4
6.0
6.6
7.2
7.9
8.7
9.6
10.6
11.6
12.7
14.1
15.6
17.1
19.1
21.2
23.3
25.6
28.9
32.0
35.0
38.0
41.0
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
2
2
2
2
2
mA
Izr
Vz@Izr
Maximum Zener
Impedance (Note 3)
Izk
mA
Zzr@Izr
Zzr@Izk
100
100
95
95
90
90
90
80
60
40
10
15
15
15
15
20
20
25
30
30
40
45
55
55
70
80
80
80
90
130
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
0.5
0.5
0.5
0.5
0.5
50
20
10
5
5
3
3
3
2
1
3
2
1
0.7
0.5
0.2
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
Maximum Reverse
Current (Note 2)
Temperature Coefficent
of zener voltage @IZT=5mA
mV / C
IR
VR
V
uA
Min
Max
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
4.0
4.0
5.0
5.0
6.0
7.0
8.0
8.0
8.0
10.5
11.2
12.6
14.0
15.4
16.8
18.9
21.0
23.1
25.2
27.3
-3.5
-3.5
-3.5
-3.5
-3.5
-3.5
-3.5
-3.5
-2.7
-2.0
0.4
1.2
2.5
3.2
3.8
4.5
5.4
6.0
7.0
9.2
10.4
12.4
14.4
16.4
18.4
21.4
24.4
27.4
30.4
33.4
0
0
0
0
0
0
0
0.2
1.2
2.5
3.7
4.5
5.3
6.2
7.0
8.0
9.0
10.0
11.0
13.0
14.0
16.0
18.0
20.0
22.0
25.3
29.4
33.4
37.4
41.2
600
600
600
600
600
600
600
500
480
400
150
80
80
80
100
150
150
150
170
200
200
225
225
250
250
300
300
325
350
350
Note:
1.Valid prvided device terminals are kept at ambient temperatrue
2.Test with pluses, period=5ms,pluse width=300us.
3.f=1KHz
MDD ELECTRONIC
ELECTRICAL CHARACTERISTICS (@ TA=25C unless otherwise specified)


Similar Part No. - BZT52C4V7S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C4V7S DIODES-BZT52C4V7S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Microdiode Electronics ...
BZT52C4V7S CHENDA-BZT52C4V7S Datasheet
956Kb / 3P
   SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C4V7S FCI-BZT52C4V7S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
BZT52C4V7S SMC-BZT52C4V7S Datasheet
139Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Micro Commercial Compon...
BZT52C4V7S MCC-BZT52C4V7S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
More results

Similar Description - BZT52C4V7S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com