Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISLA216P25 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISLA216P25
Description  Ultra High Performance Broadband 12 to 16-Bit Data Acquisition Platform
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA216P25 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISLA216P25 Datasheet HTML 5Page - Intersil Corporation ISLA216P25 Datasheet HTML 6Page - Intersil Corporation ISLA216P25 Datasheet HTML 7Page - Intersil Corporation ISLA216P25 Datasheet HTML 8Page - Intersil Corporation ISLA216P25 Datasheet HTML 9Page - Intersil Corporation ISLA216P25 Datasheet HTML 10Page - Intersil Corporation ISLA216P25 Datasheet HTML 11Page - Intersil Corporation ISLA216P25 Datasheet HTML 12Page - Intersil Corporation ISLA216P25 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Application Note 1837
9
AN1837.0
May 3, 2013
The ADC also can be used to measure the signal path frequency
response by holding a constant input power while stepping the
frequency and recording the change in the dBFS out of the FFT.
This is shown on a linear frequency scale in Figure 12 targeting a
single tone at -12dBFS out of the FFT at 30MHz, then holding
constant input power and measuring the drop in dBFS as the
frequency is stepped up.
Clearly the overall response shape is doing a good job of
providing approximately 15dB gain from board edge with <-1dB
rolloff to 100MHz. It is important for distortion reasons to stay
away from the rolloff regions of the input step up transformer.
The intended minimum frequency in this application is 100kHz,
well above the 40kHz -1dB measured on t he ADT4-6T while the
maximum intended frequency is 100MHz which is also well
below the measured 180MHz -1dB frequency on the ADT4-6T.
The interstage filter bandlimits the broadband noise out of the
ISL55210 to reduce SNR degradation through the ADC while also
providing a bit of HD2 and HD3 attenuation from the FDA outputs
to the ADC inputs. For instance, a single tone 80MHz at the FDA
output pins will have an HD2 at 160MHz and an HD3 at 240MHz.
The response shape of Figure 11 suggests that HD2 term will get
about 4dB attenuation while the HD3 term will get 13dB
attenuation to the ADC inputs.
CLOCK AND CONTROL OPTIONS
The board offers several optional features that are in some cases
not fully populated. The clock options and two other control
inputs are shown in Figure 13.
The populated path for the ADC clock is the lower right input
through the TC4-19G2 transformer. It is this path that must have
a valid clock input (usually a filtered sine wave) when the
Konverter software is started. Lab tests here were at 10dBm to
14dBm input levels at J4.
An alternate clock path is through an ADI – ADCLK905
differential output ECL clock driver. That path is populated by
adding the SMA at the buffered clock input point at J5, adding
the ECL clock buffer chip, populating the coupling caps (C46 and
C47) and removing the coupling caps from the transformer input
path (C28 and C29). This alternate clock path allows much lower
power sine wave inputs into what is essentially a very low jitter
differential output comparator. Its inputs are also differential, but
one side is biased to the midpoint threshold to run single ended
input. A very low phase noise sine wave inputs as low as -2dBm
will generate the necessary output clock transition times to drive
the ADC clock inputs. The clock chip includes internal 50Ω
termination for the sine wave source.
A similar signal path is shown in Figure 13 just below the
alternate clock path that provides an ADC sync operation if
populated. To use this, add an SMA connector at J7 and the clock
chip at U9. Refer to the ADC data sheet for the operation of this
control path.
The amplifier may also be disabled through a high speed
interface by populating the Pd SMA input through U5, a CMOS
inverter. As delivered, the DC coupled 50Ω termination resistor
holds the input at ground providing a 3.3V output to the disable
control line on the ISL55210. This holds the amplifier in the
enabled mode while connecting the SMA and driving that signal
to a logic high, will disable the amplifier. It is important to
recognize that even in the disable mode a signal path to the ADC
will be present through the feedback resistors. It will be
significantly attenuated from the active mode, but it will not be
an open circuit. The ISL55210 includes two desirable features
when disabled.
1. There are internal back to back diodes across the input
summing junctions to limit the amplitude of high overdrive
signals when disabled (or when active as well). In disable, this
limits the maximum differential voltage available across the
inputs to a diode voltage which is then all that can feed
forward to the ADC – at an attenuated level.
2. A low power monitor circuit holds the output VCM voltage at
the same set point during disable as for the active mode. This
prevents a long turn on time (or AC coupled common mode
voltage spikes) through blocking caps in the output interface
circuit as the amplifier cycles through enable/disable modes
– further protecting the ADC from out of range inputs.
Contact the factory for assistance in exercising these clock and
control options.
FIGURE 11. OVERALL FREQUENCY RESPONSE SHAPE FROM THE
BOARD INPUT TO THE ADC
FIGURE 12. ZOOMED IN RESPONSE SHAPE USING THE ADC TO
MEASURE FLATNESS
-50
-45
-40
-35
-30
-25
-20
-15
-10
1M
1.0M
100M
1G
BOARD #1
BOARD #2
FREQUENCY (Hz)
-16
-15
-14
-13
-12
-11
-10
30
40
50
60
70
80
90
100
110
120
130
FREQUENCY (MHz)
BOARD #1
BOARD #2


Similar Part No. - ISLA216P25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA216P25 INTERSIL-ISLA216P25 Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA216P25 RENESAS-ISLA216P25 Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA216P25 INTERSIL-ISLA216P25 Datasheet
1Mb / 37P
   14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA216P25 INTERSIL-ISLA216P25 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA216P25 INTERSIL-ISLA216P25 Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
More results

Similar Description - ISLA216P25

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
   16 Channel 12 Bit Data Acquisition System
REV. A
AD363 AD-AD363 Datasheet
682Kb / 8P
   Complete 16-Channel,12-Bit Data Acquisition System
AD363 AD-AD363 Datasheet
6Mb / 16P
   COMPLETE 16 CHANNEL 12-BIT DATA ACQUISITION SYSTEMS
logo
Exar Corporation
MP3275 EXAR-MP3275 Datasheet
138Kb / 16P
   Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
MP3276 EXAR-MP3276 Datasheet
170Kb / 16P
   Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
logo
List of Unclassifed Man...
XE88LC05 ETC1-XE88LC05 Datasheet
1Mb / 39P
   16 10 bit Data Acquisition Ultra Low-Power Microcontroller
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
logo
Texas Instruments
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com