Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN26102A Datasheet(PDF) 3 Page - Panasonic Battery Group

Part # AN26102A
Description  SiGe Linear Power Amplifier for 2.4 GHz Band Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

AN26102A Datasheet(HTML) 3 Page - Panasonic Battery Group

  AN26102A Datasheet HTML 1Page - Panasonic Battery Group AN26102A Datasheet HTML 2Page - Panasonic Battery Group AN26102A Datasheet HTML 3Page - Panasonic Battery Group AN26102A Datasheet HTML 4Page - Panasonic Battery Group AN26102A Datasheet HTML 5Page - Panasonic Battery Group AN26102A Datasheet HTML 6Page - Panasonic Battery Group AN26102A Datasheet HTML 7Page - Panasonic Battery Group AN26102A Datasheet HTML 8Page - Panasonic Battery Group AN26102A Datasheet HTML 9Page - Panasonic Battery Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AN26102A
3
Ver. AEB
AN26102A
SiGe Linear Power Amplifier for 2.4 GHz Band Applications
Overview
AN26102A is Power amplifier IC for 2.4 GHz band (2 400 MHz to 2 500 MHz) applications.
Realizing high performance by using 0.25
μm Bi-CMOS process (fT = 50 GHz, fmax = 60 GHz).
Achieving miniaturization by using chip size package.
Features
Operating voltage
VCC = PAVCC = +3.30 V typ.
Low current consumption
145 mA typ. @Pout = +18 dBm
High gain
30 dB typ.
@fTX = 2450 MHz, Pout = +18 dBm
Chip size package (11-pin WLCSP)
Applications
2.4 GHz band (2 400 MHz to 2 500 MHz) applications
Package
11 pin Wafer Level Chip Size Package (WLCSP)
Size : 1.16 mm
× 0.86 mm (0.3mm pitch)
Type
Bi-CMOS IC


Similar Part No. - AN26102A

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN26102A PANASONICBATTERY-AN26102A_14 Datasheet
187Kb / 1P
   SiGe Bi-CMOS Monolithic IC, WLCSP PKG Power Amplifi er
More results

Similar Description - AN26102A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMPA2151 FAIRCHILD-FMPA2151 Datasheet
462Kb / 4P
   2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module
logo
ATMEL Corporation
T0930 ATMEL-T0930 Datasheet
144Kb / 10P
   SiGe Power Amplifier for CW Applications
logo
WALSIN TECHNOLOGY CORPO...
RFBPF2012080AC2T00 WALSIN-RFBPF2012080AC2T00 Datasheet
561Kb / 7P
   2.4 GHz ISM Band RF Applications
RFBPB2012090ART WALSIN-RFBPB2012090ART Datasheet
588Kb / 7P
   2.4 GHz ISM Band RF applications
RFBPB2012090AM8T62 WALSIN-RFBPB2012090AM8T62 Datasheet
596Kb / 7P
   2.4 GHz ISM Band RF Applications
logo
Fairchild Semiconductor
RMPA2550 FAIRCHILD-RMPA2550 Datasheet
838Kb / 14P
   2.4-2.5 GHz and 5.15-5.85 GHz Dual Band InGaP HBT Linear Power Amplifier
logo
Tyco Electronics
MAAP-008015 MACOM-MAAP-008015 Datasheet
207Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
M/A-COM Technology Solu...
MAAPSS0075 MA-COM-MAAPSS0075 Datasheet
179Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
Fairchild Semiconductor
RMPA2453 FAIRCHILD-RMPA2453 Datasheet
299Kb / 10P
   2.4-2.5 GHz InGaP HBT Linear Power Amplifier
logo
Tyco Electronics
MAAPSS0075 MACOM-MAAPSS0075 Datasheet
160Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com