Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32WG232 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # EFM32WG232
Description  The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFM32WG232 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button EFM32WG232 Datasheet HTML 4Page - List of Unclassifed Manufacturers EFM32WG232 Datasheet HTML 5Page - List of Unclassifed Manufacturers EFM32WG232 Datasheet HTML 6Page - List of Unclassifed Manufacturers EFM32WG232 Datasheet HTML 7Page - List of Unclassifed Manufacturers EFM32WG232 Datasheet HTML 8Page - List of Unclassifed Manufacturers EFM32WG232 Datasheet HTML 9Page - List of Unclassifed Manufacturers EFM32WG232 Datasheet HTML 10Page - List of Unclassifed Manufacturers EFM32WG232 Datasheet HTML 11Page - List of Unclassifed Manufacturers EFM32WG232 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2013-05-06 - EFM32WG232FXX - d0186_Rev1.10
8
www.energymicro.com
Module
Configuration
Pin Connections
PCNT0
PCNT0_S[1:0]
PCNT1
8-bit count register
PCNT1_S[1:0]
PCNT2
8-bit count register
PCNT2_S[1:0]
ACMP0
Full configuration
ACMP0_CH[7:0], ACMP0_O
ACMP1
Full configuration
ACMP1_CH[7:0], ACMP1_O
VCMP
Full configuration
NA
ADC0
Full configuration
ADC0_CH[7:0]
DAC0
Full configuration
DAC0_OUT[1:0], DAC0_OUTxALT
OPAMP
AES
Full configuration
NA
GPIO
53 pins
Available pins are shown in
Table 4.3 (p. 58)
2.3 Memory Map
The EFM32WG232 memory map is shown in Figure 2.2 (p. 8) , with RAM and Flash sizes for the
largest memory configuration.
Figure 2.2. EFM32WG232 Memory Map with largest RAM and Flash sizes


Similar Part No. - EFM32WG232

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32WG232 SILABS-EFM32WG232 Datasheet
1Mb / 75P
   Configurable peripheral I/O locations
EFM32WG232F128-B-QFP64 SILABS-EFM32WG232F128-B-QFP64 Datasheet
5Mb / 469P
   EFM32 Gecko Family
Rev. 2.42
EFM32WG232F128-QFP64 SILABS-EFM32WG232F128-QFP64 Datasheet
1Mb / 75P
   Configurable peripheral I/O locations
EFM32WG232F128-QFP64 SILABS-EFM32WG232F128-QFP64 Datasheet
282Kb / 4P
   Updated specifications based on the results of additional silicon characterization
EFM32WG232F256-B-QFP64 SILABS-EFM32WG232F256-B-QFP64 Datasheet
5Mb / 469P
   EFM32 Gecko Family
Rev. 2.42
More results

Similar Description - EFM32WG232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32WG980 ETC2-EFM32WG980 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG990 ETC2-EFM32WG990 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG280 ETC2-EFM32WG280 Datasheet
3Mb / 76P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG395 ETC2-EFM32WG395 Datasheet
3Mb / 77P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
Silicon Laboratories
EFM32JG1 SILABS-EFM32JG1 Datasheet
952Kb / 94P
   The EFM32 Jade Gecko MCUs are the world?셲 most energyfriendly microcontrollers
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E_08 Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
logo
STMicroelectronics
AN2168 STMICROELECTRONICS-AN2168 Datasheet
201Kb / 15P
   The ST10F27x MCUs are derivatives of the STMicroelectronics
logo
List of Unclassifed Man...
SMT172 ETC1-SMT172 Datasheet
807Kb / 9P
   World most energy efficient temperature sensor
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
   The RFPO45 is from the world?셲 smallest and first
RFPO65 TEMEX-RFPO65 Datasheet
412Kb / 2P
   The RFPO65 is from the world?셲 first ASIC.based OCXO product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com