Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74S74 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # DM74S74
Description  Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear, and Complementary Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74S74 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  DM74S74 Datasheet HTML 1Page - Fairchild Semiconductor DM74S74 Datasheet HTML 2Page - Fairchild Semiconductor DM74S74 Datasheet HTML 3Page - Fairchild Semiconductor DM74S74 Datasheet HTML 4Page - Fairchild Semiconductor DM74S74 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 2: CL = 15 pF, RL = 280Ω, TA = 25°C and VCC = 5V.
Note 3: CL = 50 pF, RL = 280Ω, TA = 25°C and VCC = 5V.
Note 4: The symbol (
↑) indicates the rising edge at the clock pulse is used for reference.
Supply Voltage
7V
Input Voltage
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−1mA
IOL
LOW Level Output Current
20
mA
fCLK
Clock Frequency (Note 2)
0
110
75
MHz
fCLK
Clock Frequency (Note 3)
0
95
65
MHz
tW
Pulse Width
Clock HIGH
6
(Note 2)
Clock LOW
7.3
ns
Clear LOW
7
Preset LOW
7
tW
Pulse Width
Clock HIGH
8
(Note 3)
Clock LOW
9
ns
Clear LOW
9
Preset LOW
9
tSU
Setup Time (Note 2)(Note 4)
3
ns
tSU
Setup Time (Note 3)(Note 4)
3
ns
tH
Input Hold Time (Note 2)(Note 4)
2
ns
tH
Input Hold Time (Note 3)(Note 4)
2
ns
TA
Free Air Operating Temperature
0
70
°C


Similar Part No. - DM74S74

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74S00 FAIRCHILD-DM74S00 Datasheet
43Kb / 4P
   Quad 2-Input NAND Gate
DM74S00M FAIRCHILD-DM74S00M Datasheet
43Kb / 4P
   Quad 2-Input NAND Gate
DM74S00N FAIRCHILD-DM74S00N Datasheet
43Kb / 4P
   Quad 2-Input NAND Gate
DM74S02 FAIRCHILD-DM74S02 Datasheet
34Kb / 3P
   Quad 2-Input NOR Gate
DM74S02N FAIRCHILD-DM74S02N Datasheet
34Kb / 3P
   Quad 2-Input NOR Gate
More results

Similar Description - DM74S74

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS74A FAIRCHILD-DM74LS74A Datasheet
67Kb / 6P
   Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
logo
National Semiconductor ...
54LS74 NSC-54LS74 Datasheet
136Kb / 6P
   Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
logo
Texas Instruments
5474 TI1-5474 Datasheet
358Kb / 8P
[Old version datasheet]   Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
logo
National Semiconductor ...
5474 NSC-5474 Datasheet
121Kb / 6P
   Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM7474 FAIRCHILD-DM7474 Datasheet
51Kb / 5P
   Dual Positive-Edge-Triggered D-Type Flip-Flops with Preset, Clear and Complementary Outputs
logo
National Semiconductor ...
54LS109 NSC-54LS109 Datasheet
135Kb / 6P
   Dual Positive-Edge-Triggered J-K Flip-Flops with Preset, Clear, and Complementary Outputs
logo
Texas Instruments
SN74LS74ADRG4 TI-SN74LS74ADRG4 Datasheet
1Mb / 21P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLIP-FLOPS WITH PRESET AND CLEAR
CD54AC74 TI-CD54AC74 Datasheet
330Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54AHC74 TI-SN54AHC74 Datasheet
105Kb / 19P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC74 TI-SN54HC74 Datasheet
96Kb / 16P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com