Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6107 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N6107
Description  7 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 30 ??50 ??70 VOLTS, 40 WATTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6107 Datasheet(HTML) 4 Page - ON Semiconductor

  2N6107_11 Datasheet HTML 1Page - ON Semiconductor 2N6107_11 Datasheet HTML 2Page - ON Semiconductor 2N6107_11 Datasheet HTML 3Page - ON Semiconductor 2N6107_11 Datasheet HTML 4Page - ON Semiconductor 2N6107_11 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PNP − 2N6107, 2N6109, 2N6111; NPN − 2N6288, 2N6292
http://onsemi.com
4
15
1.0
Figure 5. Active−Region Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
10
7.0
5.0
2.0
0.15
5.0
10
CURRENT LIMIT
SECONDARY
BREAKDOWN LIMIT
THERMAL LIMIT
@ TC = 25°C (SINGLE PULSE)
7.0
dc
0.1 ms
1.0
0.5
0.2
0.3
2.0
3.0
0.5 ms
20
30
50
70 100
3.0
0.7
0.1
ms
5.0 ms
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown
pulse limits are valid for duty cycles to 10% provided
TJ(pk) v 150_C. TJ(pk) may be calculated from the data in
Figure 4. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.
300
0.5
VR, REVERSE VOLTAGE (VOLTS)
30
3.0
5.0
50
1.0
2.0
200
70
50
TJ = 25°C
Cib
100
Figure 6. Turn−Off Time
10
20
30
5.0
0.07
Figure 7. Capacitance
IC, COLLECTOR CURRENT (AMP)
3.0
2.0
1.0
0.7
0.5
0.3
0.05
0.1
0.2
0.3
0.5
2.0
3.0
7.0
TJ = 25°C
VCC = 30 V
IC/IB = 10
IB1 = IB2
0.1
tr
1.0
5.0
0.2
0.07
ts
Cob
ORDERING INFORMATION
Device
Device Marking
Package
Shipping
2N6107
2N6107
TO−220AB
50 Units / Rail
2N6107G
TO−220AB
(Pb−Free)
2N6109
2N6109
TO−220AB
50 Units / Rail
2N6109G
TO−220AB
(Pb−Free)
2N6111
2N6111
TO−220AB
50 Units / Rail
2N6111G
TO−220AB
(Pb−Free)
2N6288
2N6288
TO−220AB
50 Units / Rail
2N6288G
TO−220AB
(Pb−Free)
2N6292
2N6292
TO−220AB
50 Units / Rail
2N6292G
TO−220AB
(Pb−Free)


Similar Part No. - 2N6107_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2N6107 MCC-2N6107_13 Datasheet
563Kb / 3P
   PNP Silicon Complementary Power Transistor
logo
ON Semiconductor
2N6107 ONSEMI-2N6107_14 Datasheet
112Kb / 5P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 11
More results

Similar Description - 2N6107_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE15028 ONSEMI-MJE15028_06 Datasheet
79Kb / 6P
   8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120??50 VOLTS, 50 WATTS
February, 2006 ??Rev. 4
logo
Motorola, Inc
MJ11017 MOTOROLA-MJ11017 Datasheet
235Kb / 6P
   30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
TIP29B MOTOROLA-TIP29B Datasheet
137Kb / 4P
   1 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 80-100 VOLTS 30 WATTS
MJ11012 MOTOROLA-MJ11012 Datasheet
157Kb / 4P
   30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
MJ11028 MOTOROLA-MJ11028 Datasheet
153Kb / 4P
   50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
MJE15028 MOTOROLA-MJE15028 Datasheet
217Kb / 6P
   8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS
logo
ON Semiconductor
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
   Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
MJH11017 ONSEMI-MJH11017_06 Datasheet
86Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
logo
Motorola, Inc
MJL21193 MOTOROLA-MJL21193 Datasheet
159Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 200 WATTS
MJE200 MOTOROLA-MJE200 Datasheet
255Kb / 6P
   5 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 25 VOLTS 15 WATTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com