Electronic Components Datasheet Search |
|
DST310-55Y5S271M100 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd. |
|
DST310-55Y5S271M100 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd. |
8 / 22 page 254 CG01-I EMI LEADED FILTERS EMI SUPPRESSION FILTERS TAPE & REEL DS 306, DS 310/310H Series DST 310 – 55 Y5S 271 M 100 T = Ferrite Bead Outside Series 55 = Bulk Pkg. Temp. Cap. Tolerance Rated S = Ferrite Bead Inside 9 = Tape Char. Value Voltage (See Chart) TAPING CODES *Three types of H dimensions (lead length) are available for various types of insertion machines. PART NUMBERING, DS306 & DSS310 SERIES TAPE DIMENSIONS: mm PACKAGING TYPE AND NUMBERS Code H Straight Leads Crimped Leads Tape & Reel 91 — 20.0 92 421 16.5 93 431 18.5 Item Code Dimensions: mm Remarks Taping Pitch P 12.7 Product Inclination S Determines Tolerance Guide Pitch P 0 12.7 ± 0.2 Hole Center to Lead P 1 3.85 ± 0.7 Hole Center to P 2 6.35 ±1.3 Shift in Tape in Component Center Direction of Feed 7.0 [9.5] DS max. [ ]...... Diameter of Body D 8.0 [9.5] DST max. DS 310 8.0 [12] DSS max. Series Deviation of Body Center S 0 ± 1.0 Width of Base Tape W 18.0 ± 0.5 Feed Hole Position to W 1 9.0 Tape Widthwise Shift Capacitor Lead Protrusion Length +0.5 to –1.0 Diameter of Feed Hole D 0 4.0 ± 0.1 Diameter of Lead d 0.6 Total Thickness of Tape t 1 0.7 ± 0.2 Includes Thickness t 2 1.5 max. of Bonding Tape Deviation Across Tape h 1 1.0 max. h 2 1.0 max. Length of Snipped Lead L 11.0 Width of Hold Position W 0 12.0 ± 0.5 Hold-down Tape Position W 2 1.5 ± 1.5 Lead Distance Between H 18.5 ± 1.0 16.5 & 20.0mm Lengths Reference and Bottom Planes are also available Lead Spacing F 5.0 F 1 2.5 +0 –0.5 +0 –1.0 +0.8 –0.2 +0.4 –0.2 Part Number Quantity (Pcs.) Flat Pack Reel DS 306 Series 2000 — DS310/310H Series 2000 — DST310/310H Series — 1000 DSS310/310H Series — 800 Non Standard DS306-91 Type DS310-91 Type DSS310-91 Type (Taping for DSS type is only DSS310-91 Type) DST310-91 Type DSS306-91 Type DSS306-431 Type W W1 W2 W1 F1 F1 P0 P2 D0 P F H *8.0 max. **11.0 max. *2.54 max. **4.0 max. d D S h1 t1 t2 h2 L W W1 W2 W0 F1 F1 P0 P2 P1 P1 D0 P F H W W1 W2 W0 F1 P0 P2 D0 P F H 7.0 max. 2.54 max. d D S h1 t1 t2 h2 L P1 W W1 W2 W0 F1 P0 P2 D0 P F H 10.0 max. 2.54 max. d D S h1 t1 t2 h2 L P1 W W1 W2 W0 F1 P0 P2 D0 P F F1 H 11.0 max. 7.5 max. d D S h1 t1 t2 h2 L P1 15.5 max. 4.0 max. d D S h1 t1 t2 h2 L |
Similar Part No. - DST310-55Y5S271M100 |
|
Similar Description - DST310-55Y5S271M100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |