Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33174 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MC33174
Description  Radial Leaded PTC Resettable Fuse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MC33174 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MC33174 Datasheet HTML 1Page - List of Unclassifed Manufacturers MC33174 Datasheet HTML 2Page - List of Unclassifed Manufacturers MC33174 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.1
11/09/12
Radial Leaded
PTC Resettable Fuse
Specifications:
Lead Material
: Tin plated copper
Soldering Characteristic : MIL-DTD-202, Method 208E
Insulating Coating
: Flame retardant epoxy
Operating Current
: 100mA to 3.75A
Max. Voltage
: Up to 90V
Temperature Range
: -40°C to 85°C
Applications
: Telecom and wide variety of electronic equipment
Product features
: Low hold current, Solid state, Radial leaded product
ideal for up to 90V
Agency Recognition
: UL File E345437
Electrical Characteristics (23°C)
Part Number
Hold
Current
Trip
Current
Max. Time
to Trip
Max.
Current
Rated
Voltage
Typical
Power
Resistance
Rmin
R1max
Ih, A
It, A
at 5 × Ih
Imax, A
Vmax,V DC
Pd, W
MC36184
0.1
0.2
4
40
72/90
0.38
2.5
7.5
MC36185
0.15
0.35
10
0.7
2.4
7
MC36186
0.17
0.34
3
0.48
2
8
MC33171
0.2
0.4
2.2
0.41
1.83
4.4
MC33172
0.25
0.5
2.5
0.45
1.25
3
MC33173
0.3
0.6
3
0.49
0.88
2.1
MC36190
0.35
0.75
10
1.3
0.7
2.5
MC33174
0.4
0.8
3.8
0.56
0.55
1.29
MC33175
0.5
1
4
0.77
0.5
1.17
MC36193
0.55
1.2
10
1.5
0.4
1.5
MC33176
0.65
1.3
5.3
0.88
0.31
0.72
MC33177
0.75
1.5
6.3
0.92
0.25
0.6
MC33178
0.9
1.8
7.2
0.99
0.2
0.47
MC33179
1.1
2.2
8.2
1.5
0.15
0.38
MC33180
1.35
2.7
9.6
1.7
0.12
0.3
MC33181
1.6
3.2
11.4
1.9
0.09
0.22
MC33182
1.85
3.7
12.6
2.1
0.08
0.19
MC33183
2.5
5
15.6
2.5
0.05
0.13
MC33184
3
6
19.8
2.8
0.04
0.1
MC33185
3.75
7.5
24
3.2
0.03
0.08
Ih = Hold current-maximum current at which the device will not trip at 23°C still air
It = Trip current-minimum current at which the device will always trip at 23°C still air
Vmax =Maximum voltage device can withstand without damage at its rated current
Imax = Maximum fault current device can withstand without damage at rated voltage (V MAX)
Pd = Typical power dissipated from device when in tripped state in 23°C still air environment
Rmin = Minimum device resistance at 23°C
R1max = Maximum device resistance at 23°C, 1 hour after tripping


Similar Part No. - MC33174

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC33174 STMICROELECTRONICS-MC33174 Datasheet
50Kb / 5P
   LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
December 1997
MC33174 STMICROELECTRONICS-MC33174 Datasheet
83Kb / 5P
   LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
April 2002
logo
ON Semiconductor
MC33174 ONSEMI-MC33174 Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
logo
List of Unclassifed Man...
MC33174 ETC2-MC33174 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
MC33174 ETC2-MC33174 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
More results

Similar Description - MC33174

ManufacturerPart #DatasheetDescription
logo
RFE international
FRVL RFE-FRVL Datasheet
293Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/04/06
logo
List of Unclassifed Man...
MC33162 ETC2-MC33162 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
logo
RFE international
FRHV RFE-FRHV Datasheet
290Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/04/07
FRX60 RFE-FRX60 Datasheet
282Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/03/23
FUSB RFE-FUSB Datasheet
260Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/03/29
logo
List of Unclassifed Man...
MC33158 ETC2-MC33158 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
logo
RFE international
FRU RFE-FRU Datasheet
260Kb / 3P
   Radial Leaded PTC Resettable Fuse
2021/03/23
FHT RFE-FHT Datasheet
326Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/04/06
FRT RFE-FRT Datasheet
259Kb / 3P
   Radial Leaded PTC Resettable Fuse
2021/03/31
FRV RFE-FRV Datasheet
263Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/03/25
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com