Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSS310H-55B220M250 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # DSS310H-55B220M250
Description  FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DSS310H-55B220M250 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button DSS310H-55B220M250 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DSS310H-55B220M250 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DSS310H-55B220M250 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DSS310H-55B220M250 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DSS310H-55B220M250 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DSS310H-55B220M250 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DSS310H-55B220M250 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. DSS310H-55B220M250 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. DSS310H-55B220M250 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
256
CG01-I
EMI LEADED FILTERS
EMI SUPPRESSION FILTERS
VARISTOR-CAPACITOR
The DSS706 Varistor-Capacitor is a three-terminal filter which
suppresses noise emission from electronic equipment while
controlling incoming surges of static electricity. Its small size
enables 2.5mm pitch mounting.
APPLICATIONS
Elimination of noise and protection of semiconductors in office
automation equipment, including computers, peripheral equipment,
copy machines, and communication terminals.
FEATURES
s Protects circuits from electrical surges and acts as a filter for
signal lines.
s Effectively suppresses high-frequency noise from signal lines.
(Performance equivalent to conventional three-terminal capacitor.)
s Small size enables it to be mounted at 2.5mm pitch.
Three-terminal structure leads to superior high-frequency
characteristics.
s Built-in ferrite bead provides excellent EMI suppression.
PART NUMBERING SYSTEM
SPECIFICATIONS
DIMENSIONS: mm
TYPICAL INSERTION LOSS CHARACTERISTICS
0
20
40
60
10.0
100.0
1000.0
Frequency (MHz)
8.0 max.
DSS706
351
D
221M
25
50
SERIES
LEAD
TEMP.
CAPACITANCE
RATED
VARISTOR
CONFIGURATION
CHAR.
AND
VOLTAGE
VOLTAGE
351 = Bulk
TOLERANCE
431 = Taped
F1 F1
5.0 ± 0.5
F1: 2.5 ± 0.5
25.0 min.
2.54 max.
10.5 max.
0.6 D.
3 x 0.8
2.5 ± 0.2
Mounting Hole
DSS706 Series
‚Available as standard through authorized Murata Electronics Distributors.
Part Number
Capacitance
Capacitance
Rated
Max. Rated
Varistor
Peak Pulse
Operating
Temp. Char.
Voltage
Current
Voltage
Current
Temp. Range
‚DSS706-351D221M25-50
220pF ± 20%
+20%, –30%
25VDC
6 Amps
50 ± 20%
100A
– 40 to +105°C


Similar Part No. - DSS310H-55B220M250

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DSS310 FORMOSA-DSS310 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DIYI Electronic Technol...
DSS310 DYELEC-DSS310 Datasheet
2Mb / 2P
   SINGLE PHASE 3.0A MP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - DSS310H-55B220M250

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
F-118 RHOMBUS-IND-F-118 Datasheet
19Kb / 1P
   EMI Suppression Filter Dual Ferrite Bead Construction
logo
Wurth Elektronik GmbH &...
7427924 WURTH-7427924 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74279214 WURTH-74279214 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792410 WURTH-742792410 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792511 WURTH-742792511 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792514 WURTH-742792514 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792604 WURTH-742792604 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
7427004 WURTH-7427004 Datasheet
397Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
742792642 WURTH-742792642 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74279271 WURTH-74279271 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com