Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0402ESDA-MLP7 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 0402ESDA-MLP7
Description  MLP Series ESD Suppressor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

0402ESDA-MLP7 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  0402ESDA-MLP7 Datasheet HTML 1Page - Cooper Bussmann, Inc. 0402ESDA-MLP7 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0402ESDA-MLP1
Recommended
for
New
Designs
Features & Benefits
• Ultra-low capacitance (0.05pF typ.) ideal for high
speed data applications
• Provides ESD protection with fast response time
(<1ns) allowing equipment to pass IEC 61000-4-2 level 4 test
• Single-line, bi-directional device for placement flexibility
• Low profile 0402/1005 design for board space savings
• Low leakage current (<0.1nA typ.) reduces power consumption
The location in the circuit for the MLP series has to be carefully determined. For better performance, the device should be placed
as close to the signal input as possible and ahead of any other component. Due to the high current associated with an ESD
event, it is recommended to use a “0-stub” pad design (pad directly on the signal/data line and second pad directly on common
ground).
RoHS
2002/95/EC
PolySurg ESD Suppressors
0402ESDA-MLP
MLP Series ESD Suppressor
• Computers & Peripherals
• HDTV Equipment
• DVD Players
• A/V Equipment
• Satellite Radio
• Cell Phones
• PDA’s
• Digital Still Cameras
• Digital Camcorders
• MP3 / Multimedia Players
• Set Top Boxes
• External Storage
• DSL Modems
• High Speed Data Ports
• USB 2.0
• IEEE 1394
• HDMI
• DVI
• High Speed Ethernet
• Infiniband®
Applications
The PolySurg™ 0402ESDA-MLP ESD Suppressors
protect valuable high-speed data circuits from ESD
damage without distorting data signals as a result of
its ultra-low (0.05pF typical) capacitance.
Description
Ordering Information
0.40
0.70
2.20
Design Considerations
Catalog Number
Packaging
0402ESDA-MLP7
10,000 pieces in paper tape on
7" (178mm) reel
0402ESDA-MLP8
2,500 pieces in paper tape on
7" (178mm) reel
Product Dimensions: mm [inches]
Solder Pad Recommendation:
mm [inches]
BU-SB09615


Similar Part No. - 0402ESDA-MLP7

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
0402ESDA-MLP7 COOPER-0402ESDA-MLP7 Datasheet
388Kb / 2P
   The PolySurg??0402ESDA-MLP ESD Suppressors protect valuable high-speed data circuits from ESD damage without distorting data signals as a result of its ultra-low (0.05pF typical) capacitance.
More results

Similar Description - 0402ESDA-MLP7

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
0603ESDA-MLP7 COOPER-0603ESDA-MLP7 Datasheet
134Kb / 2P
   MLP Series ESD Suppressor
logo
Moda-InnoChips Co., Ltd...
ULCE0505C015FR ICT-ULCE0505C015FR Datasheet
90Kb / 5P
   ESD Suppressor
logo
Eaton All Rights Reserv...
0603ESDA-TR1 EATON-0603ESDA-TR1 Datasheet
783Kb / 3P
   ESD suppressor
logo
Panasonic Semiconductor
EZA-EG2A50AX PANASONIC-EZA-EG2A50AX Datasheet
94Kb / 2P
   ESD Suppressor
logo
Eaton All Rights Reserv...
0603ESDA2-TR2 EATON-0603ESDA2-TR2 Datasheet
494Kb / 3P
   ESD suppressor
logo
Moda-InnoChips Co., Ltd...
ULCE1005A015FR ICT-ULCE1005A015FR Datasheet
90Kb / 5P
   ESD Suppressor
logo
Eaton All Rights Reserv...
0402ESDA-MLP EATON-0402ESDA-MLP Datasheet
425Kb / 5P
   ESD suppressor
0603ESDA-MLP EATON-0603ESDA-MLP Datasheet
302Kb / 4P
   ESD suppressor
PS04LTVA1 EATON-PS04LTVA1 Datasheet
368Kb / 2P
   ESD suppressor
logo
Panasonic Semiconductor
EZA-EG1A50AC PANASONIC-EZA-EG1A50AC Datasheet
227Kb / 6P
   ESD Suppressor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com