Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EA2070A050 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # EA2070A050
Description  FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

EA2070A050 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button EA2070A050 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. EA2070A050 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. EA2070A050 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. EA2070A050 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. EA2070A050 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. EA2070A050 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. EA2070A050 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. EA2070A050 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. EA2070A050 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
CG01-I
253
EMI LEADED FILTERS
EMI SUPPRESSION FILTERS
DISC-TYPE
DS310/H, DST310/H & DSS310/H Series
F
1
F
2
1
3
2
F
1
1
3
2
F
2
F
2
F
2
F
1
F
2
F
2
1
3
2
F
3 F3
F
3 F3
F
3 F3
13
2
1
3
2
1
3
2
DIMENSIONS: mm (See Note)
TYPICAL INSERTION LOSS CHARACTERISTICS
DS310/310H TYPE Fig. 1
DST310/310H TYPE Fig. 2
DSS310/310H TYPE Fig. 3
9.5 max.
DS310 Series Fig. 4
DST310 Series Fig. 5
DSS310 Series Fig. 6
DSS310 Series Fig. 9
DS310H Fig. 7
DST310H Fig. 8
BL222/DL223
DSS310H Fig. 10
0
20
40
60
80
100
104
223
222
271
0.01 0.05 0.1
0.5 1
5
10
50 100
500 1000
Frequency (MHz)
0
20
40
60
80
100
222
271
101
220
0.01 0.05 0.1
0.5 1
5
10
50 100
500 1000
Frequency (MHz)
0
20
40
60
80
100
222
271
101
220
0.01 0.05 0.1
0.5
1
5
10
50 100
500 1000
Frequency (MHz)
0
20
40
60
80
100
DL223
BL222
0.01 0.05 0.1
0.5 1
5
10
50 100
500 1000
Frequency (MHz)
0
20
40
60
80
100
222
271
101
220
0.01 0.05 0.1
0.5
1
5
10
50 100
500 1000
Frequency (MHz)
0
20
40
60
80
100
223
222
271
0.01 0.05 0.1
0.5
1
5
10
50 100
500 1000
Frequency (MHz)
0
20
40
60
80
100
271
101
470
220
223
222
0.01 0.05 0.1
0.5
1
5
10
50 100
500 1000
Frequency (MHz)
1.5 max.
4.0 max.
10.0 max.
25.0 min.
Mounting
Holes
1.0 ± 0.5
1.0 ± 0.2
2.5 ± 0.2
1.0 – 3
2.5 ± 0.2
2.5 ± 0.2
1.0 – 3
2.5 ± 0.2
2.5 ± 0.2
1.0 – 3
2.5 ± 0.2
Bulk
Tape
Bulk
Tape
Bulk
Tape
0.65 D.
9.5 max.
1.5 max.
25.0 min.
4.0 max.
15.5 max.
Ferrite
Bead
1.25 ± 0.5
0.65 D.
12.0 max.
1.5 max.
7.5 max.
10.5 max.
25.0 min.
2.5 ± 0.5
0.65 D.
3 x 0.8 D.
Mounting
Holes
1.25 ± 0.2
3 x 0.8 D.
Mounting
Holes
2.5 ± 0.2
F1 = 5.0 ± 0.5
F2 = 2.5 ± 0.5
F3 = 2.5 ± 0.2
3 x 0.8 D.
Note: DS
310 Series Footprint for Bulk and Tape are different.
Consult your local Murata Electronics Sales Office for details.
Ferrite
Bead


Similar Part No. - EA2070A050

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
EA2070A050 MURATA1-EA2070A050 Datasheet
198Kb / 3P
   Magnetically shielded high-micro and high-loss characteristics can suppress noise in a wide frequency band for digital equipment.
08/24/2022
EA2070A050 MURATA1-EA2070A050_V01 Datasheet
198Kb / 3P
   Magnetically shielded high-micro and high-loss characteristics can suppress noise in a wide frequency band for digital equipment.
08/24/2022
More results

Similar Description - EA2070A050

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
F-118 RHOMBUS-IND-F-118 Datasheet
19Kb / 1P
   EMI Suppression Filter Dual Ferrite Bead Construction
logo
Wurth Elektronik GmbH &...
7427924 WURTH-7427924 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74279214 WURTH-74279214 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792410 WURTH-742792410 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792511 WURTH-742792511 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792514 WURTH-742792514 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792604 WURTH-742792604 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
7427004 WURTH-7427004 Datasheet
397Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
742792642 WURTH-742792642 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74279271 WURTH-74279271 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com