Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12-22SURSYGC Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 12-22SURSYGC
Description  Chip LED with Bi-Color (Multi-Color)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

12-22SURSYGC Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  12-22SURSYGC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 12-22SURSYGC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 12-22SURSYGC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 12-22SURSYGC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 12-22SURSYGC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 12-22SURSYGC Datasheet HTML 6Page - Everlight Electronics Co., Ltd 12-22SURSYGC Datasheet HTML 7Page - Everlight Electronics Co., Ltd 12-22SURSYGC Datasheet HTML 8Page - Everlight Electronics Co., Ltd 12-22SURSYGC Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
15-22SURSYGC/S530-A3/E2/TR8
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 2 Page: 4 of 11
Device No:SZDSE-152-002
Prepared date: 10-Apr-2009
Prepared by: Huang yongxin
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
Iv
SUR
SYG
15
10
36
15
-----
mcd
Viewing Angle
1/2
-----
140
-----
deg
Peak Wavelength
λp
SUR
SYG
-----
632
575
-----
nm
Dominant Wavelength
λd
SUR
SYG
-----
624
573
-----
nm
Spectrum Radiation
Bandwidth
λ
SUR
SYG
-----
20
20
-----
nm
Forward Voltage
VF
SUR
SYG
1.7
2.0
2.4
V
IF=20mA
Reverse Current
IR
SUR
SYG
-----
-----
10
µA
VR=5V


Similar Part No. - 12-22SURSYGC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
12-22SURSYGC-S530-A3 EVERLIGHT-12-22SURSYGC-S530-A3 Datasheet
262Kb / 11P
   Right Angle Lens Chip LEDs With Bi-Color(Multi-Color)
12-22SURSYGC/S530-A3 EVERLIGHT-12-22SURSYGC/S530-A3 Datasheet
262Kb / 11P
   Right Angle Lens Chip LEDs With Bi-Color(Multi-Color)
More results

Similar Description - 12-22SURSYGC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-226-R6G7C-A01-2T EVERLIGHT-19-226-R6G7C-A01-2T Datasheet
209Kb / 12P
   Chip LED with Bi-Color (Multi-Color)
19-22-R6G6C-A01-2T EVERLIGHT-19-22-R6G6C-A01-2T Datasheet
199Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
19-123-Y2ST1D-C30-2T EVERLIGHT-19-123-Y2ST1D-C30-2T_11 Datasheet
309Kb / 14P
   Chip LED with Bi-Color(Multi-Color)
19-223-Y2G6C-A01-2T EVERLIGHT-19-223-Y2G6C-A01-2T Datasheet
174Kb / 11P
   Chip LED with Bi-Color(Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
18-225-R6G6C-A01-3T TO-GRACE-18-225-R6G6C-A01-3T Datasheet
971Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
11-22-R6G6C-QSANP-2T TO-GRACE-11-22-R6G6C-QSANP-2T Datasheet
829Kb / 11P
   Chip LED with Bi-Color (Multi-Color)
19-22-R6G6C-A01-2T TO-GRACE-19-22-R6G6C-A01-2T Datasheet
842Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
19-223-R7BHC-A30-2T TO-GRACE-19-223-R7BHC-A30-2T Datasheet
994Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
logo
Everlight Electronics C...
19-223-Y2G6C-A01-2T EVERLIGHT-19-223-Y2G6C-A01-2T_11 Datasheet
350Kb / 11P
   Chip LED with Bi-Color(Multi-Color)
11-22-R6G6C-QSANP-2T EVERLIGHT-11-22-R6G6C-QSANP-2T Datasheet
178Kb / 11P
   Chip LED with Bi-Color (Multi-Color)
19-223-R7BHC-A30-2T EVERLIGHT-19-223-R7BHC-A30-2T Datasheet
219Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com