Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM96L02 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # DM96L02
Description  Dual Retriggerable Resettable Monostable Multivibrator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM96L02 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  DM96L02 Datasheet HTML 1Page - Fairchild Semiconductor DM96L02 Datasheet HTML 2Page - Fairchild Semiconductor DM96L02 Datasheet HTML 3Page - Fairchild Semiconductor DM96L02 Datasheet HTML 4Page - Fairchild Semiconductor DM96L02 Datasheet HTML 5Page - Fairchild Semiconductor DM96L02 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
www.fairchildsemi.com
Electrical Characteristics
over recommended operating free air temperature (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Note 3: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 4: ICC is measured with all outputs open and all inputs grounded.
Switching Characteristics
VCC = +5.0V, TA = +25°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −10 mA
−1.5
V
VOH
HIGH Level Output Voltage
VCC = Min, IOH = Max,
2.4
V
VIL = Max, VIH = Min
VOL
LOW Level Output Voltage
VCC = Min, IOL = Max,
0.3
V
VIL = Min, VIL = Max
II
Input Current @ Max
VCC = Max, VI = 5.5V
1
mA
Input Voltage
IIH
HIGH Level Input Current
VCC = Max, VI = 2.4V
20
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.3V
−0.4
mA
IOS
Short Circuit Output Current
VCC = Max (Note 3) VO = 1.0V
−2.0
−13.0
mA
ICC
Supply Current
VCC = Max (Note 4)
16
mA
Symbol
Parameter
Conditions
Min
Max
Units
tPLH
Propagation Delay I0 to Q,
VCC = 5.0V, RX = 20 kΩ
80
ns
I1 to Q
CX = 0, CL = 15 pF
tPHL
Propagation Delay I0 to Q,VCC = 5.0V, RX = 20 kΩ
65
ns
I1 to Q
CX = 0, CL = 15 pF
tPLH
Propagation Delay CD to Q,VCC = 5.0V, RX = 39 kΩ
ns
tPHL
CD to Q
CX = 1000 pF


Similar Part No. - DM96L02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM96L02N NSC-DM96L02N Datasheet
144Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
More results

Similar Description - DM96L02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
96L02 NSC-96L02 Datasheet
144Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
logo
Fairchild Semiconductor
DM96LS02 FAIRCHILD-DM96LS02 Datasheet
102Kb / 8P
   Dual Retriggerable Resettable Monostable Multivibrator
DM96S02 FAIRCHILD-DM96S02 Datasheet
80Kb / 7P
   Dual Retriggerable Resettable Monostable Multivibrator
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_05 Datasheet
167Kb / 16P
   Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
June, 2005 ??Rev. 9
logo
Motorola, Inc
MC54HC4538A MOTOROLA-MC54HC4538A Datasheet
371Kb / 13P
   Dual precision Monostable Multivibrator (Retriggerable, Resettable)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com