Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM96S02N Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # DM96S02N
Description  Dual Retriggerable Resettable Monostable Multivibrator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM96S02N Datasheet(HTML) 5 Page - Fairchild Semiconductor

  DM96S02N Datasheet HTML 1Page - Fairchild Semiconductor DM96S02N Datasheet HTML 2Page - Fairchild Semiconductor DM96S02N Datasheet HTML 3Page - Fairchild Semiconductor DM96S02N Datasheet HTML 4Page - Fairchild Semiconductor DM96S02N Datasheet HTML 5Page - Fairchild Semiconductor DM96S02N Datasheet HTML 6Page - Fairchild Semiconductor DM96S02N Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
VCC = +5.0, TA = +25°C (See Section for Waveforms and Load Configurations)
Note 3: Applies only over VCC and TX range for DM96S02.
Note 4: All Typicals are at VCC = 5V, TA = 25°C
Switching Waveforms
FIGURE 1.
Symbol
Parameter
Conditions
CL = 16 pF
Units
Min
Max
tPLH
Propagation Delay
Figure 1
15
ns
I0 to Q
tPHL
Propagation Delay
19
ns
I0 to Q
tPLH
Propagation Delay
19
ns
I1 to Q
tPHL
Propagation Delay
20
ns
I1 to Q
tPHL
Propagation Delay
20
ns
CD to Q
tPLH
Propagation Delay
14
ns
CD to Q
tW(L)
I0 Pulse Width LOW
8.0
ns
tW(H)
I1 Pulse Width HIGH
12
ns
tW(L)
CD Pulse Width LOW
7.0
ns
tW(H)
Minimum Q Pulse Width HIGH
RX = 1.0 kΩ, CX = 10 pF
30
45
ns
Including Jig and Stray
tW
Q Pulse Width
RX = 10 kΩ, CX = 1000 pF
5.2
5.8
µs
RX
Timing Resistor Range (Note 3)
TA = −55°C to + 125°C
1.0
2000
k
VCC = 4.5V to 5.5V
t
t
Change in Q Pulse Width
RX = 10 kΩ, CX = 1000 pF
1.0
%
over Temperature
t
t
Change in Q Pulse Width
TA = 25°C, VCC = 4.75V to
1.0
%
over VCC Range
5.25V, RX = 10 kΩ,
CX = 1000 pF
TA = 25°C, VCC = 4.5 to
5.5V, RX = 10 kΩ,
CX = 1000 pF


Similar Part No. - DM96S02N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM9601 NSC-DM9601 Datasheet
147Kb / 6P
   Retriggerable One Shot
logo
List of Unclassifed Man...
DM9601 ETC1-DM9601 Datasheet
603Kb / 58P
   USB Ethernet MAC Controller with Intergrated 10/100 PHY
logo
Pulse A Technitrol Comp...
DM9601 PULSE-DM9601 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
List of Unclassifed Man...
DM9601E ETC1-DM9601E Datasheet
603Kb / 58P
   USB Ethernet MAC Controller with Intergrated 10/100 PHY
logo
Davicom Semiconductor, ...
DM9601E DAVICOM-DM9601E Datasheet
129Kb / 2P
   USB to Ethernet MAC Controller with Integrated 10/100 PHY
More results

Similar Description - DM96S02N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
96L02 NSC-96L02 Datasheet
144Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
logo
Fairchild Semiconductor
DM96LS02 FAIRCHILD-DM96LS02 Datasheet
102Kb / 8P
   Dual Retriggerable Resettable Monostable Multivibrator
DM96L02 FAIRCHILD-DM96L02 Datasheet
68Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_05 Datasheet
167Kb / 16P
   Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
June, 2005 ??Rev. 9
logo
Motorola, Inc
MC54HC4538A MOTOROLA-MC54HC4538A Datasheet
371Kb / 13P
   Dual precision Monostable Multivibrator (Retriggerable, Resettable)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com