Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPF240X400NA Datasheet(PDF) 1 Page - IXYS Corporation

Part # DPF240X400NA
Description  High Performance Fast Recovery Diode Low Loss and Soft Recovery Parallel legs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DPF240X400NA Datasheet(HTML) 1 Page - IXYS Corporation

  DPF240X400NA Datasheet HTML 1Page - IXYS Corporation DPF240X400NA Datasheet HTML 2Page - IXYS Corporation DPF240X400NA Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DPF 240 X 400 NA
tentative
ns
HiPerFRED²
Symbol
Definition
R a t i n g s
Features / Advantages:
typ.
max.
I
FSM
I
R
A
V
2000
I
A
V
F
1.25
R
0.45 K/W
V
R =
min.
120
t = 10 ms
Applications:
VRRM
V
400
5
T
VJ
V°C
=
T
VJ
°C
=mA
1
Package:
Part number
V
R =
T
VJ =°C
I
F
=A
V
TC = 80°C
d =
P
tot
280
W
TC
°C
=
T
VJ
150
°C
-40
V
I
RRM =
=
400
120
120
T
VJ =
45°C
DPF 240 X 400 NA
V
A
400
V
400
25
25
25
max. repetitive reverse voltage
reverse current
forward voltage
virtual junction temperature
total power dissipation
max. forward surge current
Conditions
Unit
1.45
TVJ
°C
=25
C
J
junction capacitance
V =
V;
T
150
V
F0
V
0.80
T
VJ = 150 °C
rF
2
f = 1 MHz
=
°C
25
mΩ
V
1.06
TVJ =°C
IF =A
V
120
1.31
I
F
=A
240
IF =A
240
2x
threshold voltage
slope resistance
for power loss calculation only
Backside: isolated
6A
T
VJ =°C
reverse recovery time
A
tbd
45
tbd
ns
(50 Hz), sine
t
rr
=
45 ns
● Housing:
High Performance Fast Recovery Diode
Low Loss and Soft Recovery
Parallel legs
SOT-227B (minibloc)
rIndustry standard outline
rCu base plate internal DCB isolated
rIsolation Voltage 3000 V
rEpoxy meets UL 94V-0
rRoHS compliant
R
VJ
I
RM
max. reverse recovery current
IF =A;
120
25
T= 125°C
VJ
-diF
=A/µs
200
/dt
t
rr
VR =V
240
TVJ =°C
25
T= 125°C
VJ
µA
187
200
pF
thermal resistance junction to case
thJC
rectangular
0.5
● Planar passivated chips
● Very low leakage current
● Very short recovery time
● Improved thermal behaviour
● Very low Irm-values
● Very soft recovery behaviour
● Avalanche voltage rated for reliable operation
● Soft reverse recovery for low EMI/RFI
● Low Irm reduces:
- Power dissipation within the diode
- Turn-on loss in the commutating switch
● Antiparallel diode for high frequency
switching devices
● Antisaturation diode
● Snubber diode
● Free wheeling diode
● Rectifiers in switch mode power
supplies (SMPS)
● Uninterruptible power supplies (UPS)
FAV
average forward current
FAV
150
IXYS reserves the right to change limits, conditions and dimensions.
©
20110620
Data according to IEC 60747and per diode unless otherwise specified
2011 IXYS all rights reserved


Similar Part No. - DPF240X400NA

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DPF240X200NA IXYS-DPF240X200NA Datasheet
120Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Parallel legs
More results

Similar Description - DPF240X400NA

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSEP2X31-06A IXYS-DSEP2X31-06A Datasheet
135Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Parallel legs
DHG50X1200NA IXYS-DHG50X1200NA Datasheet
119Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Parallel legs
DSEP2X31-12A IXYS-DSEP2X31-12A Datasheet
116Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Parallel legs
DHG100X1200NA IXYS-DHG100X1200NA Datasheet
121Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Parallel legs
DPF240X200NA IXYS-DPF240X200NA Datasheet
120Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Parallel legs
DH2X60-18A IXYS-DH2X60-18A Datasheet
471Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Anti-parallel legs
DSS2X81-0045B IXYS-DSS2X81-0045B Datasheet
144Kb / 4P
   High Performance Schottky Diode Low Loss and Soft Recovery Parallel legs
DSA240X150NA IXYS-DSA240X150NA Datasheet
667Kb / 5P
   High Performance Schottky Diode Low Loss and Soft Recovery Parallel legs
DSA120X150LB IXYS-DSA120X150LB Datasheet
263Kb / 5P
   High Performance Schottky Diode Low Loss and Soft Recovery Parallel Legs
DSA120X200LB IXYS-DSA120X200LB Datasheet
241Kb / 4P
   High Performance Schottky Diode Low Loss and Soft Recovery Parallel Legs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com