Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGP10C Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # EGP10C
Description  1.0 Ampere Glass Passivated High Efficiency Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

EGP10C Datasheet(HTML) 2 Page - Fairchild Semiconductor

  EGP10C Datasheet HTML 1Page - Fairchild Semiconductor EGP10C Datasheet HTML 2Page - Fairchild Semiconductor EGP10C Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EPG10A - EPG10K, Rev. A
Typical Characteristics
Pulse
Generator
(Note 2)
50
NONINDUCTIVE
50
NONINDUCTIVE
DUT
(-)
(+)
OSCILLOSCOPE
(Note 1)
50
NONINDUCTIVE
50V
(approx)
NOTES:
1. Rise time = 7.0 ns max; Input impedance = 1.0 megaohm 22 pf.
2. Rise time = 10 ns max; Source impedance = 50 ohms.
Reverse Recovery Time Characterstic and Test Circuit Diagram
1.0cm
SET TIME BASE FOR
trr
+0.5A
0
-0.25A
-1.0A
5/ 10 ns/ cm
Non-Repetitive Surge Current
1
2
5
10
20
50
100
0
5
10
15
20
25
30
NUMBER OF CYCLES AT 60Hz
Forward Characteristics
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0.01
0.1
1
10
50
FORWARD VOLTAGE (V)
Pulse Width = 300
µs
2% Duty Cycle
T = 25 C
º
A
EGP10A-EGP10D
EGP10F-EGP10K
T = 150 C
º
A
Reverse Characteristics
0
20
406080
100
120
140
0.01
0.1
1
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
T = 25 C
º
A
T = 100 C
º
A
T = 125 C
º
A
Junction Capacitance
0.1
1
10
100
1000
0
10
20
30
40
50
60
REVERSE VOLTAGE (V)
EGP10F-EGP10K
EGP10A-EGP10D
Forward Current Derating Curve
25
50
75
100
125
150
175
0
0.25
0.5
0.75
1
LEAD TEMPERATURE ( C)
º
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
.375" (9.0mm) LEAD
LENGTHS


Similar Part No. - EGP10C

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
EGP10C GE-EGP10C Datasheet
71Kb / 2P
   GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
Vishay Siliconix
EGP10C VISHAY-EGP10C Datasheet
77Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
01-Jan-2022
logo
Galaxy Semi-Conductor H...
EGP10C BILIN-EGP10C Datasheet
90Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Vishay Siliconix
EGP10C VISHAY-EGP10C Datasheet
103Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 20-Aug-07
logo
Silicon Standard Corp.
EGP10C SSC-EGP10C Datasheet
278Kb / 3P
   Glass Passivated Junction Fast Efficient Rectifiers
More results

Similar Description - EGP10C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
UF4001 FAIRCHILD-UF4001 Datasheet
38Kb / 3P
   1.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP10A FAIRCHILD-EGP10A_07 Datasheet
145Kb / 4P
   1.0 Ampere Glass Passivated High Efficiency Rectifiers
EGF1A FAIRCHILD-EGF1A Datasheet
90Kb / 4P
   1.0 Ampere High Efficiency Glass Passivated Rectifier
1N4001GP FAIRCHILD-1N4001GP Datasheet
41Kb / 3P
   1.0 Ampere Glass Passivated Rectifiers
EGP30A FAIRCHILD-EGP30A Datasheet
149Kb / 4P
   3.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP30A FAIRCHILD-EGP30A_V01 Datasheet
248Kb / 6P
   3.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP20A- FAIRCHILD-EGP20A- Datasheet
39Kb / 3P
   2.0 Ampere Glass Passivated High Efficiency Rectifiers
logo
Jinan Gude Electronic D...
HER101G JGD-HER101G Datasheet
172Kb / 2P
   1.0 AMP. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
UNIOHM CORPORATION
HER101G UNIOHM-HER101G Datasheet
69Kb / 2P
   1.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Goodwork Semiconductor ...
HER101G GWSEMI-HER101G Datasheet
70Kb / 2P
   1.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com