Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPG30C300HB Datasheet(PDF) 1 Page - IXYS Corporation

Part # DPG30C300HB
Description  High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DPG30C300HB Datasheet(HTML) 1 Page - IXYS Corporation

  DPG30C300HB Datasheet HTML 1Page - IXYS Corporation DPG30C300HB Datasheet HTML 2Page - IXYS Corporation DPG30C300HB Datasheet HTML 3Page - IXYS Corporation DPG30C300HB Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DPG 30 C 300 HB
ns
HiPerFRED²
Symbol
Definition
R a t i n g s
Features / Advantages:
typ.
max.
I
FSM
I
R
A
V
240
I
A
V
F
1.25
R
1.70 K/W
V
R =
1
2
3
min.
15
t = 10 ms
Applications:
VRRM
V
300
1
T
VJ
V°C
=
T
VJ
°C
=mA
0.08
Package:
Part number
V
R =
T
VJ =°C
I
F
=A
V
TC = 140°C
d =
P
tot
90
W
TC
°C
=
T
VJ
175
°C
-55
V
I
RRM =
=
300
15
15
T
VJ =
45°C
DPG 30 C 300 HB
V
A
300
V
300
25
25
25
max. repetitive reverse voltage
reverse current
forward voltage
virtual junction temperature
total power dissipation
max. forward surge current
Conditions
Unit
1.50
TVJ
°C
=25
C
J
junction capacitance
V =
V;
T
150
V
F0
V
0.69
T
VJ = 175°C
rF
17.3
f = 1 MHz
=
°C
25
mΩ
V
1.00
TVJ =°C
IF =A
V
15
1.27
I
F
=A
30
IF =A
30
2x
threshold voltage
slope resistance
for power loss calculation only
Backside: cathode
3A
T
VJ =°C
reverse recovery time
A
6.5
35
55
ns
(50 Hz), sine
t
rr
=
35 ns
● Housing:
High Performance Fast Recovery Diode
Low Loss and Soft Recovery
Common Cathode
TO-247
rIndustry standard outline
rEpoxy meets UL 94V-0
rRoHS compliant
R
VJ
I
RM
max. reverse recovery current
IF =A;
15
25
T= 125°C
VJ
-diF
=A/µs
200
/dt
t
rr
VR =V
200
TVJ =°C
25
T= 125°C
VJ
µA
20
150
pF
thermal resistance junction to case
thJC
rectangular
0.5
● Planar passivated chips
● Very low leakage current
● Very short recovery time
● Improved thermal behaviour
● Very low Irm-values
● Very soft recovery behaviour
● Avalanche voltage rated for reliable operation
● Soft reverse recovery for low EMI/RFI
● Low Irm reduces:
- Power dissipation within the diode
- Turn-on loss in the commutating switch
● Antiparallel diode for high frequency
switching devices
● Antisaturation diode
● Snubber diode
● Free wheeling diode
● Rectifiers in switch mode power
supplies (SMPS)
● Uninterruptible power supplies (UPS)
FAV
average forward current
FAV
150
IXYS reserves the right to change limits, conditions and dimensions.
©
20100125a
Data according to IEC 60747and per diode unless otherwise specified
2010 IXYS all rights reserved


Similar Part No. - DPG30C300HB

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DPG30C300HB IXYS-DPG30C300HB Datasheet
107Kb / 3P
   High Performance Fast Recovery Diode
More results

Similar Description - DPG30C300HB

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DHG10C600PB IXYS-DHG10C600PB Datasheet
88Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
DSEC240-04A IXYS-DSEC240-04A Datasheet
449Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
DPG20C300PB IXYS-DPG20C300PB Datasheet
127Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
DPG120C300QB IXYS-DPG120C300QB Datasheet
140Kb / 2P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
DHG40C600HB IXYS-DHG40C600HB Datasheet
332Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
DPG60C200HB IXYS-DPG60C200HB Datasheet
142Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
DPG30C200PB IXYS-DPG30C200PB Datasheet
102Kb / 2P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
DHG20C600QB IXYS-DHG20C600QB Datasheet
137Kb / 2P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
DPG60C400HB IXYS-DPG60C400HB Datasheet
132Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
DSEC29-06AC IXYS-DSEC29-06AC Datasheet
134Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com