Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM80N20-40PCFM Datasheet(PDF) 2 Page - Analog Power

Part # AM80N20-40PCFM
Description  N-Channel 200-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM80N20-40PCFM Datasheet(HTML) 2 Page - Analog Power

  AM80N20-40PCFM Datasheet HTML 1Page - Analog Power AM80N20-40PCFM Datasheet HTML 2Page - Analog Power AM80N20-40PCFM Datasheet HTML 3Page - Analog Power AM80N20-40PCFM Datasheet HTML 4Page - Analog Power AM80N20-40PCFM Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Analog Power
AM80N20-40PCFM
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = 160 V, VGS = 0 V
1
VDS = 160 V, VGS = 0 V, TJ = 55°C
25
On-State Drain Current
a
ID(on)
VDS = 5 V, VGS = 10 V
90
A
VGS = 10 V, ID = 5 A
45
VGS = 5.5 V, ID = 4 A
60
Forward Transconductance
a
gfs
VDS = 15 V, ID = 5 A
35
S
Diode Forward Voltage
a
VSD
IS = 31 A, VGS = 0 V
0.87
V
Total Gate Charge
Qg
100
Gate-Source Charge
Qgs
34
Gate-Drain Charge
Qgd
65
Turn-On Delay Time
td(on)
49
Rise Time
tr
68
Turn-Off Delay Time
td(off)
199
Fall Time
tf
61
Input Capacitance
Ciss
8925
Output Capacitance
Coss
444
Reverse Transfer Capacitance
Crss
424
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
rDS(on)
nC
VDS = 100 V, RL = 20 Ω,
ID = 5 A,
VGEN = 10 V, RGEN = 6 Ω
VDS = 100 V, VGS = 5.5 V,
ID = 5 A
Drain-Source On-Resistance
a
pF
VDS = 15 V, VGS = 0 V, f = 1 MHz
Zero Gate Voltage Drain Current
Static
uA
Electrical Characteristics
IDSS
Dynamic
b
ns
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out
of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary
in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL
products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation
where personal injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application,
Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part.
APL is an Equal Opportunity/Affirmative Action Employer.
© Preliminary
2
Publication Order Number:
DS_AM80N20-40PCFM_1A


Similar Part No. - AM80N20-40PCFM

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM80N03-05D ANALOGPOWER-AM80N03-05D Datasheet
92Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM80N03-05D VBSEMI-AM80N03-05D Datasheet
1,001Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
Analog Power
AM80N03-06D ANALOGPOWER-AM80N03-06D Datasheet
92Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM80N03-06D-T1-PF VBSEMI-AM80N03-06D-T1-PF Datasheet
1,001Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
Analog Power
AM80N06-05D ANALOGPOWER-AM80N06-05D Datasheet
79Kb / 3P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - AM80N20-40PCFM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SISS98DN VISHAY-SISS98DN Datasheet
345Kb / 9P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N20-40P ANALOGPOWER-AM90N20-40P Datasheet
313Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM90N20-78B ANALOGPOWER-AM90N20-78B Datasheet
361Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SIR690DP VISHAY-SIR690DP Datasheet
371Kb / 13P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 04-Jul-16
logo
Analog Power
AMR402N ANALOGPOWER-AMR402N Datasheet
417Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM30N20-78D ANALOGPOWER-AM30N20-78D Datasheet
332Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SI4418DY VISHAY-SI4418DY Datasheet
69Kb / 5P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 24-Nov-03
logo
Analog Power
AM7202N ANALOGPOWER-AM7202N Datasheet
366Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SUM36N20-54P VISHAY-SUM36N20-54P Datasheet
125Kb / 6P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 14-Apr-08
logo
VBsemi Electronics Co.,...
VBMB1203M VBSEMI-VBMB1203M Datasheet
1Mb / 8P
   N-Channel 200 V (D-S) MOSFET
IRF630MFP VBSEMI-IRF630MFP Datasheet
3Mb / 8P
   N-Channel 200 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com