Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN1654 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN1654
Description  1.5A LDO, DDR Bus Termination Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1654 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN1654 Datasheet HTML 1Page - Fairchild Semiconductor FAN1654 Datasheet HTML 2Page - Fairchild Semiconductor FAN1654 Datasheet HTML 3Page - Fairchild Semiconductor FAN1654 Datasheet HTML 4Page - Fairchild Semiconductor FAN1654 Datasheet HTML 5Page - Fairchild Semiconductor FAN1654 Datasheet HTML 6Page - Fairchild Semiconductor FAN1654 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.fairchildsemi.com
REV. 1.0.5 4/17/02
Features
• Sinks and sources 1A continuous, 1.5A peak
• -40°C to +125°C Operating Range
• Load regulation: (VDDQ/2) ± 40mV
• 5mA VREF buffer tracks VTT
• On-chip thermal limiting
• Power-enhanced eTSSOP™-16 package
• Low Current Shutdown Mode
• Output Short Circuit Protection
Applications
• DDR terminators
Description
The FAN1654 is a low-cost bi-directional LDO specifically
designed for terminating DDR memory bus. It can both sink
and source up to 1A continuous, 1.5A peak, providing
enough current for most DDR applications. Load regulation
meets the JEDEC spec, VTT = (VDDQ/2) ± 40mV.
The FAN1654 includes a buffered reference voltage capable
of supplying up to 5mA current. On-chip thermal limiting
provides protection against a combination of power overload
and ambient temperature that would create an excessive
junction temperature. A shutdown input puts the FAN1654
into a low power mode for laptop computer applications.
The FAN1654 regulator is available in a power-enhanced
eTSSOP™-16 package, and the standard SOIC-14
Block Diagram
VSS
VSS
VSS
+
-
VTTSENSE
VTTFORCE
VTTFORCE
+
-
VDD
VDD
VDD
SHDN
VDDQ
200k
200k
FAN1655
VSSQ
VREFIN
VREFOUT
FAN1654
1.5A LDO, DDR Bus Termination Regulator


Similar Part No. - FAN1654

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655 Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655 FAIRCHILD-FAN1655 Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655M FAIRCHILD-FAN1655M Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655M FAIRCHILD-FAN1655M Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655MPX FAIRCHILD-FAN1655MPX Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
More results

Similar Description - FAN1654

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6383 SSC-SS6383 Datasheet
745Kb / 7P
   1.5A DDR Termination Regulator
logo
BCD Semiconductor Manuf...
AP2301 BCDSEMI-AP2301 Datasheet
160Kb / 12P
   1.5A DDR TERMINATION REGULATOR
logo
Eutech Microelectronics...
EUP7996 EUTECH-EUP7996 Datasheet
316Kb / 10P
   1.5A DDR Termination Regulator
logo
ON Semiconductor
NCP51190 ONSEMI-NCP51190 Datasheet
152Kb / 8P
   1.5A DDR Memory Termination Regulator
May, 2013 ??Rev. 0
NCP51190 ONSEMI-NCP51190_17 Datasheet
113Kb / 9P
   1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
NCP51190 ONSEMI-NCP51190_14 Datasheet
107Kb / 9P
   1.5A DDR Memory Termination Regulator
November, 2014 ??Rev. 3
logo
Diodes Incorporated
AP2303 DIODES-AP2303 Datasheet
947Kb / 15P
   DDR BUS TERMINATION REGULATOR
logo
Advanced Power Electron...
AP1250GM A-POWER-AP1250GM Datasheet
104Kb / 5P
   1.5A / 3A Bus Termination Regulator
logo
Unisonic Technologies
UR5512 UTC-UR5512 Datasheet
117Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655_06 Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com