Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2210 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # A2210
Description  Install in 22-dia. or 25-dia. Panel Cutout
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A2210 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button A2210 Datasheet HTML 5Page - Omron Electronics LLC A2210 Datasheet HTML 6Page - Omron Electronics LLC A2210 Datasheet HTML 7Page - Omron Electronics LLC A2210 Datasheet HTML 8Page - Omron Electronics LLC A2210 Datasheet HTML 9Page - Omron Electronics LLC A2210 Datasheet HTML 10Page - Omron Electronics LLC A2210 Datasheet HTML 11Page - Omron Electronics LLC A2210 Datasheet HTML 12Page - Omron Electronics LLC A2210 Datasheet HTML 13Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
A22
A22
10
Pushbutton Switches (Subassembly)
Operational Unit
Non-lighted
Color of Operational
Uit
IP65 oil-resistant models
Co o o Ope a o a
Unit
Flat type
Projection type
Full-guard type
Half-guard type
Red
A22-FR
A22-TR
A22-GR
A22-HR
Green
A22-FG
A22-TG
A22-GG
A22-HG
Yellow
A22-FY
A22-TY
A22-GY
A22-HY
White
A22-FW
A22-TW
A22-GW
A22-HW
Blue
A22-FA
A22-TA
A22-GA
A22-HA
Black
A22-FB
A22-TB
A22-GB
A22-HB
Color of Operational
Uit
IP65 oil-resistant models
Co o o Ope a o a
Unit
Square/Projection type
Square/Full-guard type
Round/Mushroom type
(30-dia. head)
Round/Mushroom type
(40-dia. head)
Red
A22-CR
A22-DR
A22-SR
A22-MR
Green
A22-CG
A22-DG
A22-SG
A22-MG
Yellow
A22-CY
A22-DY
A22-SY
A22-MY
White
A22-CW
A22-DW
A22-SW
A22-MW
Blue
A22-CA
A22-DA
A22-SA
A22-MA
Black
A22-CB
A22-DB
A22-SB
A22-MB
Lighted
Color of Operational Unit
IP65
Co o o Ope a o a U
Projection type
Full-guard type
Half-guard type
Red
A22L-TR
A22L-GR
A22L-HR
Green
A22L-TG
A22L-GG
A22L-HG
Yellow
A22L-TY
A22L-GY
A22L-HY
White
A22L-TW
A22L-GW
A22L-HW
Blue
A22L-TA
A22L-GA
A22L-HA
Note:
Common to incandescent lamps and LEDs.
Color of Operational Unit
IP65
Co o o Ope a o a U
Square/Projection
Square/Full-guard type
Red
A22L-CR
A22L-DR
Green
A22L-CG
A22L-DG
Yellow
A22L-CY
A22L-DY
White
A22L-CW
A22L-DW
Blue
A22L-CA
A22L-DA


Similar Part No. - A2210

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A2211 AITSEMI-A2211 Datasheet
842Kb / 16P
   CLASS AB 1.25W MONO FULLY-DIFFERENTIAL AUDIO POWER AMPLIFIER WITH INTERNAL FEEDBACK RESISTORS
REV1.3
logo
Vishay Siliconix
A22115C0GL5 VISHAY-A22115C0GL5 Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
logo
AiT Semiconductor Inc.
A2211MS8R AITSEMI-A2211MS8R Datasheet
842Kb / 16P
   CLASS AB 1.25W MONO FULLY-DIFFERENTIAL AUDIO POWER AMPLIFIER WITH INTERNAL FEEDBACK RESISTORS
REV1.3
A2211MS8VR AITSEMI-A2211MS8VR Datasheet
842Kb / 16P
   CLASS AB 1.25W MONO FULLY-DIFFERENTIAL AUDIO POWER AMPLIFIER WITH INTERNAL FEEDBACK RESISTORS
REV1.3
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
More results

Similar Description - A2210

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22E-M-02B OMRON-A22E-M-02B Datasheet
771Kb / 21P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-TG-11A OMRON-A22-TG-11A Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-10 OMRON-A22-10 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-TN OMRON-A22-TN Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22Z-3360 OMRON-A22Z-3360 Datasheet
4Mb / 30P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22NE-PD OMRON-A22NE-PD Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
M22-FR-6A OMRON-M22-FR-6A Datasheet
863Kb / 7P
   Round Indicator Series with 22 dia. and 25 dia. (when using a ring)
logo
Molex Electronics Ltd.
03-06-1241-V MOLEX11-03-06-1241-V Datasheet
66Kb / 1P
   .062 DIA. 25 CIRCUITS RECEPT. HOUSING
logo
Visual Communications C...
970 VCC-970 Datasheet
840Kb / 2P
   Dia Indicator Lights
logo
Bel Fuse Inc.
FC-101-22 BEL-FC-101-22 Datasheet
974Kb / 2P
   For 6.3mm Dia
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com