Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CQM1H-CPU11 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # CQM1H-CPU11
Description  Programmable Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CQM1H-CPU11 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button CQM1H-CPU11 Datasheet HTML 7Page - Omron Electronics LLC CQM1H-CPU11 Datasheet HTML 8Page - Omron Electronics LLC CQM1H-CPU11 Datasheet HTML 9Page - Omron Electronics LLC CQM1H-CPU11 Datasheet HTML 10Page - Omron Electronics LLC CQM1H-CPU11 Datasheet HTML 11Page - Omron Electronics LLC CQM1H-CPU11 Datasheet HTML 12Page - Omron Electronics LLC CQM1H-CPU11 Datasheet HTML 13Page - Omron Electronics LLC CQM1H-CPU11 Datasheet HTML 14Page - Omron Electronics LLC CQM1H-CPU11 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
A--162
Programmable Controller
CQM1H
Memory Area Structure -- continued from previous page
Data area
Size
Words
Bits
Function
DM area
Read/
write
3,072
words
DM 0000 to
DM 3071
DM area data can be accessed in word units only. Word values
are retained when the power is turned OFF.
e
3,072
words
DM 3072 to
DM 6143
Available in CQM1H-CPU51/61 CPUs only.
Read-
only
425 words
DM 6144 to
DM 6568
Cannot be written from the program (only from a Programming
Device).
DM 6400 to DM 6409:
Controller Link parameters
DM 6450 to DM 6499:
Routing tables
DM 6550 to DM 6559:
Serial Communications Board Setup
Error
history
area
31 words
DM 6569 to
DM 6599
Cannot be written from the program (only from a Programming
Device). Stores the time of occurrence and error code of errors
that occur.
PLC
setup
56 words
DM 6600 to
DM 6655
Cannot be written from the program (only from a Programming
Device). Stores various parameters that control PLC operation.
EM area
6,144
words
EM 0000 to
EM 6143
EM area data can be accessed in word units only. Word values
are retained when the power is turned OFF or the operating
mode is changed. (CQM1H-CPU61 CPU Unit only.)
Other Functions
Item
Specification
Macro instructions
Subroutines called by instructions containing arguments.
Min. cycle time
1 to 9,999 ms (Unit: 1 ms)
Cycle time
monitoring
When the cycle time exceeds 100 ms, the Cycle Time Over Flag turns ON, and operation continues. (A setting
can be made in the PLC Setup so that this error is not generated.)
When the cycle time exceeds the cycle monitor time, operation is stopped.
Cycle monitor time settings: 0 to 990 ms in 10-ms units, 0 to 9,900 ms in 100-ms units, 0 to 99 s in 1-s units.
The maximum and current values of the cycle time are stored in the AR area.
I/O refreshing
Cyclic refreshing, refreshing by IORF(97), direct output refreshing (set in the PLC Setup), interrupt input refresh-
ing. (The inputs that are refreshed can be set separately for input interrupts, high-speed counter interrupts, and
interval timer interrupts in the PLC Setup.)
I/O memory status
when changing
operating mode
Depends on the ON/OFF status of the I/O Hold Bit (SR 25212).
Load OFF
All outputs on Output Units can be turned OFF when the CPU is operating in RUN, MONITOR, or PROGRAM
mode. (Used for stopping output in emergencies, for debugging, etc.)
User-customized
DIP switch setting
A pin setting on the DIP switch on the front of the CPU is stored in AR 0712. This setting can be used as an
ON/OFF condition (e.g., to switch between trial operation and actual operation).
Mode setting at
power-up
Possible
Debugging
Forced set/reset, differential monitoring, data tracing (scheduled, cyclic, or when instruction is executed).
Online editing
User programs can be overwritten in program-block units when the CPU is in MONITOR mode. With the CX-
Programmer, more than one program block can be edited at the same time.
Program protection
Write-protection of user program and data memory (DM 6144 to DM 6655: read-only DM):
Set using pin 1 of the DIP switch.
Error check
User-defined errors (i.e., user can define fatal errors and non-fatal errors using the FAL(06) and FALS(07) in-
structions.) (It is possible to stop operation using FALS(07) for fatal errors.
User-defined error logs can be created in specific bits (logging) when using FAL(06).
Error log
Up to 10 errors (including user-defined errors) are stored in the error log. Information includes the error code,
error details, and the time the error occurred.
Serial
communications
Built-in mini-peripheral port: Programming Device (including Programming Console) connections, Host Links,
no-protocol communications
Built-in RS-232C port: Programming Device (excluding Programming Console) connections, Host Links,
no-protocol communications, NT Links (1:1 mode), 1:1 Data LInks
RS-232C port and RS-422A/485 port on Serial Communications Board (sold separately): Programming Device
(excluding Programming Console) connections, Host Links, no-protocol communications, NT Links (1:1 mode,
1:N mode), 1:1 Data LInks, protocol macros
(This table continues on the next page.)


Similar Part No. - CQM1H-CPU11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CQM1H-PRO01-E OMRON-CQM1H-PRO01-E Datasheet
344Kb / 15P
   CJ1 Ordering Guide
More results

Similar Description - CQM1H-CPU11

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
   Programmable Controller
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
   Programmable Interrupt Controller
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
NXP Semiconductors
TDA9151B PHILIPS-TDA9151B Datasheet
473Kb / 36P
   Programmable deflection controller
July 1994
logo
Altera Corporation
A8237 ALTERA-A8237 Datasheet
269Kb / 22P
   PROGRAMMABLE DMA CONTROLLER
logo
SELEC Controls Pvt. Ltd
MM1013 SELEC-MM1013 Datasheet
80Kb / 2P
   Programmable Logic Controller
logo
Analog Devices
AD7147 AD-AD7147_17 Datasheet
1Mb / 71P
   CapTouch Programmable Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com