Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5267 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N5267
Description  500 mW GLASS AXIAL-LEAD ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5267 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N5267 Datasheet HTML 1Page - Microsemi Corporation 1N5267 Datasheet HTML 2Page - Microsemi Corporation 1N5267 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
500 mW GLASS AXIAL-LEAD
ZENER DIODES
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
S C O T TS DALE DIVISION
1N5221 thru 1N5281B, e3 DO-35
DESCRIPTION
APPEARANCE
The popular 1N5221 thru 1N5281B series of 0.5 watt Zener Voltage Regulators
provides a selection from 2.4 to 200 volts in standard 5% or 10% tolerances as
well as tighter tolerances identified by different suffix letters on the part number.
These glass axial-leaded DO-35 Zeners are also available in various military
screening levels by adding a prefix identifier as described in the Features
section. Microsemi also offers numerous other Zener products to meet higher
and lower power applications.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• JEDEC registered 1N5221 to 1N5281B
• Internal bonds optionally available with “-1” suffix
• Options for screening in accordance with MIL-PRF-
19500 for JAN, JANTX, JANTXV, and JANS are
available by adding MQ, MX, MV, or MSP prefixes
respectively to part numbers with “-1” suffix.
• Surface mount equivalents available as MLL5221 to
MLL5281B in the DO-213AA MELF style package
including “-1” suffix options (consult factory for others)
• RoHS Compliant devices available by adding “e3” suffix
• DO-7 glass body axial-leaded Zener equivalents are also
available
• Regulates voltage over a broad operating current
and temperature range
• Extensive selection from 2.4 to 200 V
Standard voltage tolerances are plus/minus 5%
with B suffix, 10 % with A suffix identification
Tight tolerances available in plus or minus 2% or
1% with C or D suffix respectively
• Flexible axial-lead mounting terminals
• Nonsensitive to ESD (MIL-STD-750 Method 1020)
• Minimal capacitance (see Figure 2)
• Inherently radiation hard per MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Power dissipation at 25ºC: 0.5 watts (also see derating
in Figure 1).
• Operating and Storage temperature: -65ºC to +175ºC
• Thermal Resistance: 250 ºC/W junction to lead at 3/8
(10 mm) lead length from body, or 310
ºC/W junction to
ambient when mounted on FR4 PC board (1 oz Cu)
with 4 mm
2 copper pads and track width 1 mm, length
25 mm
• Steady-State Power: 0.5 watts at T
L < 50
oC 3/8 inch
(10 mm) from body or 0.48 W at TA < 25
ºC when
mounted on FR4 PC board as described for thermal
resistance above (also see Figure1)
• Forward voltage @200 mA: 1.5 volts (maximum)
• Solder Temperatures: 260 ºC for 10 s (max)
CASE: Hermetically sealed axial-lead glass DO-
35 (DO-204AH) package
FINISH: Tin-Lead or RoHS Compliant annealed
matte-Tin plating solderable per MIL-STD-750,
method 2026
POLARITY: Cathode indicated by band. Diode to
be operated with the banded end positive with
respect to the opposite end for Zener regulation
MARKING: Part number
TAPE & REEL option: Standard per EIA-296 (add
“TR” suffix to part number)
WEIGHT: 0.2 grams
See package dimensions on last page
ELECTRICAL CHARACTERISTICS @ 25°C
Max Reverse Current
Max Zener Impedance
A & B Suffix Only
Note 2
A, B, C & D Suffix Only
Non-Suffix
IR
@
VR
μA
Volts
JEDEC
Type No.
Note 1
Nominal
Zener
Voltage
VZ @ IZT
Volts
Test
Current
IZT
mA
ZZT @ IZK
Ohms
ZZK @ IZK = 0.25
mA
Ohms
A
B,C & D
IR @ VR Used
For Suffix A
μA
Max Zener
Voltage Temp.
Coeff.
(A & B Suffix
Only)
α
VZ (% /
oC)
Note 3
1N5221
1N5222
1N5223
1N5224
1N5225
2.4
2.5
2.7
2.8
3.0
20
20
20
20
20
30
30
30
30
29
1200
1250
1300
1400
1600
100
100
75
75
50
0.95
0.95
0.95
0.95
0.95
1.0
1.0
1.0
1.0
1.0
200
200
150
150
100
-0.085
-0.085
-0.080
-0.080
-0.075
1N5226
1N5227
1N5228
1N5229
1N5230
3.3
3.6
3.9
4.3
4.7
20
20
20
20
20
28
24
23
22
19
1600
1700
1900
2000
1900
25
15
10
5.0
50
0.95
0.95
0.95
0.95
1.9
1.0
1.0
1.0
1.0
2.0
100
100
75
50
50
-0.070
-0.065
-0.060
+/-0.055
+/-0.030
DO-35
(DO-204AH
)
Copyright
© 2005
8-09-2005 REV D


Similar Part No. - 1N5267

ManufacturerPart #DatasheetDescription
logo
Seme LAB
1N5267 SEME-LAB-1N5267 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Micro Commercial Compon...
1N5267 MCC-1N5267 Datasheet
393Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Semtech Corporation
1N5267 SEMTECH-1N5267 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
1N5267 EIC-1N5267 Datasheet
122Kb / 2P
   ZENER DIODES
logo
Shanghai Lunsure Electr...
1N5267 CHENYI-1N5267 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results

Similar Description - 1N5267

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N6309 DIGITRON-1N6309 Datasheet
268Kb / 3P
   500 mW GLASS ZENER DIODES
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309 Datasheet
96Kb / 2P
   500 mW GLASS ZENER DIODES
1N6016A MICROSEMI-1N6016A Datasheet
225Kb / 3P
   Axial-Leaded 500 mW Zener Diodes
1N5991C MICROSEMI-1N5991C Datasheet
235Kb / 3P
   Axial-Leaded 500 mW Zener Diodes
1N5728B MICROSEMI-1N5728B_V01 Datasheet
319Kb / 3P
   Axial-Leaded 500 mW Zener Diodes
11-03-2003 REV A
1N5221UR MICROSEMI-1N5221UR Datasheet
149Kb / 3P
   500 mW GLASS SURFACE MOUNT ZENER DIODES
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
   500 mW ZENER DIODES
logo
Microsemi Corporation
1N957B-1 MICROSEMI-1N957B-1 Datasheet
92Kb / 2P
   SILICON 500 mW ZENER DIODES
1N992B MICROSEMI-1N992B Datasheet
221Kb / 3P
   Silicon 500 mW Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com