Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4NS-1DF Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D4NS-1DF
Description  Multi-contact, Labor-saving, Environment-friendly, Next-generation Safety-door Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4NS-1DF Datasheet(HTML) 3 Page - Omron Electronics LLC

  D4NS-1DF Datasheet HTML 1Page - Omron Electronics LLC D4NS-1DF Datasheet HTML 2Page - Omron Electronics LLC D4NS-1DF Datasheet HTML 3Page - Omron Electronics LLC D4NS-1DF Datasheet HTML 4Page - Omron Electronics LLC D4NS-1DF Datasheet HTML 5Page - Omron Electronics LLC D4NS-1DF Datasheet HTML 6Page - Omron Electronics LLC D4NS-1DF Datasheet HTML 7Page - Omron Electronics LLC D4NS-1DF Datasheet HTML 8Page - Omron Electronics LLC D4NS-1DF Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
D4NS
3
Operation Keys
Specifications
Standards and EC Directives
Conforms to the following EC Directives:
• Machinery Directive
• Low Voltage Directive
• EN50047
• EN60204-1
• EN1088
• GS-ET-15
Certified Standards
*1. Certification for CSA C22.2 No. 14 is authorized by the UL mark.
*2. Only certain models have been certified.
Certified Standard Ratings
TÜV (EN60947-5-1), CCC (GB14048.5)
Note: Use a 10 A fuse type
gI or gG that conforms to IEC60269 as a
short-circuit protection device. This fuse is not built into the
Switch.
UL/CSA (UL508, CSA C22.2 No. 14)
A300
Q300
Type
Model
D4DS-K1
D4DS-K2
D4DS-K3
D4DS-K5
Horizontal mounting
Vertical mounting
Adjustable mounting
(Horizontal)
Adjustable mounting
(Horizontal/Vertical)
Certification body
Standard
File No.
TÜV SÜD
EN60947-5-1
(certified direct opening)
Consult your
OMRON representative
for details.
UL
*1
UL508, CSA C22.2 No.14
E76675
CQC (CCC)
GB14048.5
2003010305077330
KOSHA
*2
EN60947-5-1
2005-197
Item
Utilization
category
AC-15
DC-13
Rated operating current (Ie)
3 A
0.27 A
Rated operating voltage (Ue)
240 V
250 V
Rated
voltage
Carry current
Current (A)
Volt-amperes (VA)
Make
Break
Make
Break
120 VAC
10 A
60
6
7,200
720
240 VAC
30
3
Rated
voltage
Carry current
Current (A)
Volt-amperes (VA)
Make
Break
Make
Break
125 VDC
2.5 A
0.55
0.55
69
69
250 VDC
0.27
0.27


Similar Part No. - D4NS-1DF

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4N OMRON-D4N Datasheet
6Mb / 24P
   Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
D4N-1120 OMRON-D4N-1120 Datasheet
6Mb / 24P
   Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
D4N-1122 OMRON-D4N-1122 Datasheet
6Mb / 24P
   Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
D4N-1125 OMRON-D4N-1125 Datasheet
6Mb / 24P
   Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
D4N-1126 OMRON-D4N-1126 Datasheet
6Mb / 24P
   Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
More results

Similar Description - D4NS-1DF

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-1983780 TEC-C-1983780 Datasheet
169Kb / 1P
   NEXT GENERATION GI3.3 RECEPTACLE CONTACT
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
logo
PLX Technology
NAS7825 PLX-NAS7825 Datasheet
183Kb / 3P
   Next Generation Multi-functional Networked Storage Solution
logo
Omron Electronics LLC
D4NL OMRON-D4NL_11 Datasheet
3Mb / 19P
   Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
List of Unclassifed Man...
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
   Crimping Next Generation
logo
Omron Electronics LLC
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com