Electronic Components Datasheet Search |
|
D4NS-1DF Datasheet(PDF) 4 Page - Omron Electronics LLC |
|
D4NS-1DF Datasheet(HTML) 4 Page - Omron Electronics LLC |
4 / 12 page D4NS 4 Characteristics Note: 1. The above values are initial values. 2. The Switch contacts can be used with either standard loads or microloads. Once the contacts have been used to switch a load, however, they cannot be used to switch smaller loads. The contact surfaces will become rough once they have been used and contact reliability for smaller loads may be reduced. *1. The degree of protection is tested using the method specified by the standard (EN60947-5-1). Confirm that sealing properties are sufficient for the operating conditions and environment beforehand. Although the switch box is protected from dust or water penetration, do not use the D4NS in places where foreign material may enter through the key hole on the head, otherwise Switch damage or malfunctioning may occur. *2. The durability is for an ambient temperature of 5 to 35°C and an ambient humidity of 40% to 70%. For more details, consult your OMRON representative. *3. Do not pass the 3 A, 250 VAC load through more than 2 circuits. *4. These figures are minimum requirements for safe operation. *5. This value will vary with the switching frequency, environment, and reliability level. Confirm that correct operation is possible with the actual load beforehand. Degree of protection *1 IP67 (EN60947-5-1) Durability *2 Mechanical <Standard type> 1,000,000 operations min. <High pull-force type> 100,000 operations min. Electrical <Standard type> 500,000 operations min. (3 A resistive load at 250 VAC) *3 300,000 operations min. (10 A resistive load at 250 VAC) <High pull-force type> 100,000 operations min. (10 A resistive load at 250 VAC) Operating speed 0.05 to 0.5 m/s Direct opening force *4 <Standard type> 60 N min. <High pull-force type> 80 N min. Direct opening travel *4 10 mm min. Contact resistance 25 m Ω max. Minimum applicable load *5 1 mA resistive load at 5 VDC (N-level reference value) Rated insulation voltage (Ui) 300 V Rated frequency 50/60 Hz Protection against electric shock Class II (double insulation) Pollution degree (operating environment) 3 (EN60947-5-1) Impulse withstand voltage (EN60947-5-1) Between terminals of same polarity 2.5 kV Between terminals of different polarity 4 kV Between each terminal and non-current carrying metallic parts 6 kV Insulation resistance 100 M Ω min. Contact gap 2 × 2 mm min. Vibration resistance Malfunction 10 to 55 Hz, 0.75 mm single amplitude Shock resistance Destruction 1,000 m/s2 min. Malfunction 300 m/s2 min. Conditional short-circuit current 100 A (EN60947-5-1) Conventional free air thermal current (Ith) 10 A (EN60947-5-1) Ambient operating temperature −30 to 70°C (with no icing) Ambient operating humidity 95% max. Weight Approx. 96 g (D4NS-1CF) |
Similar Part No. - D4NS-1DF |
|
Similar Description - D4NS-1DF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |