Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CQM1-MP08R Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # CQM1-MP08R
Description  Programmable Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CQM1-MP08R Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button CQM1-MP08R Datasheet HTML 4Page - Omron Electronics LLC CQM1-MP08R Datasheet HTML 5Page - Omron Electronics LLC CQM1-MP08R Datasheet HTML 6Page - Omron Electronics LLC CQM1-MP08R Datasheet HTML 7Page - Omron Electronics LLC CQM1-MP08R Datasheet HTML 8Page - Omron Electronics LLC CQM1-MP08R Datasheet HTML 9Page - Omron Electronics LLC CQM1-MP08R Datasheet HTML 10Page - Omron Electronics LLC CQM1-MP08R Datasheet HTML 11Page - Omron Electronics LLC CQM1-MP08R Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
A--159
Programmable Controller
CQM1H
CPUs
The four models of CPUs can be broadly divided into two groups: Models that support Inner Boards and the Controller Link Unit, and
models that do not. The CPUs also vary in their program capacities, I/O capacities, memory capacities, and the presence of an RS-232C
port, as shown in the
Basic Specifications table, below.
J
NOMENCLATURE
The following illustration shows the main components of a CQM1H-CPU61 CPU.
Mini-Peripheral Port
Used to connect to Programming De-
vices such as a Programming Console or
a computer running CX-Programmer.
Also supports Host Link and no-protocol
communications.
RS-232C Port (except CQM1H-CPU11)
Used for Host Link, no-protocol, 1:1 Data
Link, or NT link (1:1 mode) communications
with external devices or other PLCs.
LED indicators
Inner Board Slot 1 (left slot)
Use this slot to mount a High-speed Counter Board,
Analog Setting Board, or Serial Communications Board.
Inner Board Slot 2 (right slot)
Use this slot to mount a High-speed Counter Board, Pulse
I/O Board, Absolute Encoder Interface Board, Analog Setting
Board, or Analog I/O Board.
Battery Compartment Cover
Open this cover to access the battery,
DIP switch, and Memory Cassette.
Inner Board Covers
Remove these covers when installing
or removing Inner Boards.
Built-in Inputs
There are 16 inputs built
into CPU Unit.
Connector
Add on Units horizontally
by joining connectors.
Sliders
Used to secure adjacent Units.
J
OVERVIEW
Model
I/O capacity
(See Note )
Program
capacity
DM
capacity
EM
capacity
CPU
Unit
Built-in serial ports
Inner
Boards
Controller
Link
(See Note.)
capacity
(words)
capacity
(words)
capacity
(words)
Unit
built-in
inputs
Peripheral
port
RS-232C
port
Boards
Link
Module
CQM1H-CPU61
512
15.2 K
6K
6K
DC: 16
Yes
Yes
Supported
CQM1H-CPU51
7.2 K
6K
None
pp
CQM1H-CPU21
256
3.2 K
3K
Not supported
CQM1H-CPU11
No
pp
J
MAXIMUM NUMBER OF MODULES
CPU
Controller Link Module
Inner Boards
I/O Modules and
Dedicated I/O Modules
CQM1H-CPU61
1max.
2max.
11 max.
16
i
I/O E
i
d
CQM1H-CPU51
16 max. using I/O Expansion and
Control Interface modules
CQM1H-CPU21
Not supported.
Not supported.
Control Interface modules
CQM1H-CPU11
pp
pp
Note: I/O capacity = Number of input points (
≤ 256) + Number of output points (≤ 256).


Similar Part No. - CQM1-MP08R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CQM1-MP08R OMRON-CQM1-MP08R Datasheet
2Mb / 158P
   CQM1 Programmable Controllers
More results

Similar Description - CQM1-MP08R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
   Programmable Controller
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
   Programmable Interrupt Controller
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
NXP Semiconductors
TDA9151B PHILIPS-TDA9151B Datasheet
473Kb / 36P
   Programmable deflection controller
July 1994
logo
Altera Corporation
A8237 ALTERA-A8237 Datasheet
269Kb / 22P
   PROGRAMMABLE DMA CONTROLLER
logo
SELEC Controls Pvt. Ltd
MM1013 SELEC-MM1013 Datasheet
80Kb / 2P
   Programmable Logic Controller
logo
Analog Devices
AD7147 AD-AD7147_17 Datasheet
1Mb / 71P
   CapTouch Programmable Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com