Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E53-C4R4 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E53-C4R4
Description  Advanced, 1/16-DIN Ramp/Soak Process Controllers Ideal for Worldwide Use
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-C4R4 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E53-C4R4 Datasheet HTML 6Page - Omron Electronics LLC E53-C4R4 Datasheet HTML 7Page - Omron Electronics LLC E53-C4R4 Datasheet HTML 8Page - Omron Electronics LLC E53-C4R4 Datasheet HTML 9Page - Omron Electronics LLC E53-C4R4 Datasheet HTML 10Page - Omron Electronics LLC E53-C4R4 Datasheet HTML 11Page - Omron Electronics LLC E53-C4R4 Datasheet HTML 12Page - Omron Electronics LLC E53-C4R4 Datasheet HTML 13Page - Omron Electronics LLC E53-C4R4 Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Ramp/Soak Process Controller
E5CK--T
A--190
Precautions
J Operating Environment
Operate the Controller within the rated ambient operating
temperature, ambient operating humidity, and storage tem-
perature ranges.
Use the Controller according to the vibration resistance,
shock resistance, and enclosure ratings.
Do not install the Controller in places with corrosive gas or
excessive dust.
Do not install the Controller near machines generating high-
frequency noise.
J Mounting
The dimensions of the Controller conform to DIN 43700.
Recommended panel thickness is 1 to 8 mm.
Mount the Unit horizontally.
J Connection
To reduce inductive noise influence, the lead wires connect-
ing the input type to the Controller must be separated from
the power lines and load lines.
Use the specified compensating conductors for thermocou-
ples. Use lead wires having a small resistance for platinum
resistance thermometers.
J Connection Example
Wire the terminals of the Unit using solderless terminals.
The tightening torque applied to the terminal screws of the
Unit must be approximately 0.78 N S mor8 kgf S cm.
Use the following type of solderless terminals for M3.5
screws.
7.2 mm max.
7.2 mm max.
J Operation
The alarm outputs of a model with an alarm function may not
turn ON correctly when the model malfunctions. The use of
alarm equipment with the Controller is recommended.
The parameters and internal switch are set before shipping
so that the Unit will function normally. Change the settings of
the parameters and internal switch according to the
application if necessary.
After power has been supplied to the Controller, several se-
conds are required until the relay is turned ON. Consider this
time delay when designing sequenced circuits which
incorporate a Controller.
Do not use excessive force when removing the internal
mechanism from the housing. Protect the internal connector
or electronic parts of the Unit from shock.
Protect against static discharge when changing the settings
of the internal switch. Changing the settings on a grounded
conductive mat is recommended.
When connecting the control output board to the Tempera-
ture Controller or Process Controller, make sure that the
control output board is the appropriate type, or the system
may malfunction.


Similar Part No. - E53-C4R4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E53-C4R4 OMRON-E53-C4R4 Datasheet
273Kb / 22P
   Advanced, Compact Digital Controllers
More results

Similar Description - E53-C4R4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E53Q4 OMRON-E53Q4 Datasheet
967Kb / 10P
   Advanced Digital Controllers Ideal for Worldwide Use
E53-Q OMRON-E53-Q Datasheet
967Kb / 10P
   Advanced Digital Controllers Ideal for Worldwide Use
logo
Extech Instruments Corp...
48VTR EXTECH-48VTR Datasheet
233Kb / 14P
   1/16 DIN Process Controller
logo
Red Lion Controls. Inc
P4810000 REDLION-P4810000 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4811110 REDLION-P4811110 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4811112 REDLION-P4811112 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
logo
Omron Electronics LLC
E5CSV OMRON-E5CSV Datasheet
580Kb / 20P
   Simple to Set and Operate 1/16 DIN Size Controllers
logo
Extech Instruments Corp...
96VTR EXTECH-96VTR Datasheet
273Kb / 15P
   1/4 DIN Process Controller
logo
RSG Electronic Componen...
ZWS5 RSG-ZWS5 Datasheet
466Kb / 4P
   Single Output Low Cost, Worldwide Use
logo
List of Unclassifed Man...
IR32V0L000 ETC2-IR32V0L000 Datasheet
339Kb / 1P
   DIGITAL TEMPERATURE & PROCESS CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com