Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROM-ID-B Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # ROM-ID-B
Description  Programmable Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ROM-ID-B Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button ROM-ID-B Datasheet HTML 2Page - Omron Electronics LLC ROM-ID-B Datasheet HTML 3Page - Omron Electronics LLC ROM-ID-B Datasheet HTML 4Page - Omron Electronics LLC ROM-ID-B Datasheet HTML 5Page - Omron Electronics LLC ROM-ID-B Datasheet HTML 6Page - Omron Electronics LLC ROM-ID-B Datasheet HTML 7Page - Omron Electronics LLC ROM-ID-B Datasheet HTML 8Page - Omron Electronics LLC ROM-ID-B Datasheet HTML 9Page - Omron Electronics LLC ROM-ID-B Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
A--157
Programmable Controller
CQM1H
J
PROGRAMMING DEVICES AND ACCESSORIES
Stock Note: Shaded models are normally stocked.
Programming Consoles
Item
Specifications
International
standards
Part number
Programming consoles
2-m Connecting Cable included (No other Connecting
Cables required.)
U, C, CE
CQM1H-PRO01-E
Requires a separate Connecting Cable, see below.
U, C, N, CE
C200H-PRO27-E
Connecting cables
Cable length: 2 m
N
C200H-CN222
g
Cable length: 2 m (for CPUs complying with EC direc-
tives)
CE
C200HS-CN222
Cable length: 2 m
CE
CS1W-CN224
Cable length: 6 m
CE
CS1W-CN624
Peripheral port conversion
cable
Connects the peripheral port on the CQM1H to a person-
al computer or Programming Console through a
CQM1-CIF02 cable.
CE
CS1W-CN114
Communications Adapters and Cables
Description
Function
Cable length
Part number
Cables and adapters
DB 9-pin on computer to CQM1H mini-peripheral port
2m
CS1W-CN226
p
p
p
Q
p
p
p
6m
CS1W-CN626
Serial port on computer to Omron DB 9-pin serial port
2m
C200HS-CN220-EU
p
p
p
p
CBL-202*
25-9 pin cable, operator interface to Omron PLC
50 cm
NT31C-CN510-EU
p
, p
3m
NT31C-CN320-EU
CBL-803*
25-9 pin cable, operator interface to Omron PLC
5m
NT31C-CN520-EU
Operator interface to Omron peripheral port cable
2m
XW2Z-200T-2
p
p
p
p
5m
XW2Z-500T-2
9-9 pin cable, operator interface to Omron PLC
50 cm
C200H-CN510-EU
p
, p
3m
C200H-CN320-EU
CBL-804*
5m
C200H-CN520-EU
Serial port on computer to Omron DB 9-pin serial port
2m
C200H-CN229-EU
p
p
p
p
CBL-202*
Converts the CQM1H CPU mini-peripheral port to an
RS-232C port
0.1 m
CS1W-CN118
Converts CQM1-CIF02 peripheral connector to
CQM1H’s mini-peripheral port
0.05 m
CS1W-CN114
Cable mounted communication adapter converts periph-
eral port to DB 9-pin serial port
3.3 m
CQM1-CIF02
Mini-peripheral port to RS-422 adapter, DIN mount
CQM1H-CIF12
* Available in Canada only.
Software
Item
Specifications
Cable
length
International
standards
Part number
CX-Programmer
Write and debug programs; monitor opera-
tion CD-ROM
WS02-CXPC1-E-Vj.j
Program Transfer Tools
Item
International
standards
Part number
Expansion memory unit uploads and downloads program and setup memory areas to
and from the controller.
CPM1-EMU01-V1
EEPROM (256 kbits)
EEPROM-CPM1-EMU01


Similar Part No. - ROM-ID-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ROM-ID-B OMRON-ROM-ID-B Datasheet
2Mb / 158P
   CQM1 Programmable Controllers
More results

Similar Description - ROM-ID-B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
   Programmable Controller
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
   Programmable Interrupt Controller
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
NXP Semiconductors
TDA9151B PHILIPS-TDA9151B Datasheet
473Kb / 36P
   Programmable deflection controller
July 1994
logo
Altera Corporation
A8237 ALTERA-A8237 Datasheet
269Kb / 22P
   PROGRAMMABLE DMA CONTROLLER
logo
SELEC Controls Pvt. Ltd
MM1013 SELEC-MM1013 Datasheet
80Kb / 2P
   Programmable Logic Controller
logo
Analog Devices
AD7147 AD-AD7147_17 Datasheet
1Mb / 71P
   CapTouch Programmable Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com