Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32T24S Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E32T24S
Description  Fiber Sensors
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32T24S Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E32T24S Datasheet HTML 3Page - Omron Electronics LLC E32T24S Datasheet HTML 4Page - Omron Electronics LLC E32T24S Datasheet HTML 5Page - Omron Electronics LLC E32T24S Datasheet HTML 6Page - Omron Electronics LLC E32T24S Datasheet HTML 7Page - Omron Electronics LLC E32T24S Datasheet HTML 8Page - Omron Electronics LLC E32T24S Datasheet HTML 9Page - Omron Electronics LLC E32T24S Datasheet HTML 10Page - Omron Electronics LLC E32T24S Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
7
ì¡í²ÅEÉAÉvÉäÉPÅ[ÉVÉáÉì
■ Feature: Fluorine Coating
Fluororesin is used as the sheath material to prevent fi-
ber degradation resulting from oil adhesion.
Note: The tip of the head is not chemical-resistant.
■ Ratings/Characteristics
This customization/delivery service applies to standard models. It is
aimed at reducing industrial waste and simplifying the installation
procedure.
■ Fiber Length vs. Sensing Distance
Through-beam Fiber Units
(Fiber length of 2 m corresponds to
100%.)
Fiber Units with Reflective Sensors
(Fiber length of 2 m corresponds to
100%.)
■ Model Number Used When Changing Only the Sleeve Length
■ Model Number Used When Changing the Sleeve Length and Bends
Standard Models
Fluorine Coating
U
• Fiber degradation due to oil is prevented using a fluo-
roresin coating.
• Free cutting is possible with cutter provided.
Oil is blocked!
(Cross section)
Fluororesin coating
Min. sensing ob-
ject
0.005-mm dia.
Min. bending ra-
dius
4 mm
Ambient temper-
ature range
−40°C to 70°C (with no icing or condensation)
Fiber material
Plastic
Fiber Customization Service
(Fiber Length, Sleeve
Length, and Bends)
Fiber Length
■Applicable Models
Standard models
Flexible Break-resistant Models
■Model Number Used for Ordering
Standard model number + Fiber length
Fiber length: 0.3 m, 0.5 m, or any length from
1 to 20 m (in 1-m units)
Sleeve Length and Bends
■Applicable Models
E32-TC200B/E32-TC200F
E32-DC200B/E32-DC200F
The E32-DC200B cannot be bent.
100
80
60
40
20
2
0
5
10
15
20
Fiber length (m)
100
80
60
40
20
2
0
5
10
15
20
Fiber length (m)
L
Model: E32- *1 C200 *2 -S *3
R
L1
L2
R
Total length
Total length
Model Numbers Incorporating the Bending Radius, R, and Dimensions L1 and L2
*1: Insert "T" for Through-beam Fiber Units and "D" for Fiber Units with Reflective Sensors.
*2: Insert the "B" or "F" that appears at the end of the original model number.
*3: Insert "50" if the total length is 50 mm. The total length must not exceed 120 mm.
Specifying L1 Only
R5
R7.5
R10
R12.5
Model number
L1 (
±1)
10
15
12.5
17.5
15
20
17.5
22.5
E32- *1 C200 *2 -S *3 A1
E32- *1 C200 *2 -S *3 A2
E32- *1 C200 *2 -S *3 B1
E32- *1 C200 *2 -S *3 B2
E32- *1 C200 *2 -S *3 C1
E32- *1 C200 *2 -S *3 C2
E32- *1 C200 *2 -S *3 D1
E32- *1 C200 *2 -S *3 D2
(Units: mm)
(Units: mm)
Specifying L2 Only
R5
R7.5
R10
R12.5
Bending
radius
Bending
radius
L2 (
±1)
5
10
7.5
17.5
10
20
12.5
22.5
E32- *1 C200 *2 -S *3 A3
E32- *1 C200 *2 -S *3 A4
E32- *1 C200 *2 -S *3 B3
E32- *1 C200 *2 -S *3 B4
E32- *1 C200 *2 -S *3 C3
E32- *1 C200 *2 -S *3 C4
E32- *1 C200 *2 -S *3 D3
E32- *1 C200 *2 -S *3 D4
Model number


Similar Part No. - E32T24S

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E32 GILWAY-E32 Datasheet
1Mb / 17P
   Miniature LEDs
logo
Omron Electronics LLC
E32 OMRON-E32 Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
logo
Ferroxcube Internationa...
E32 FERROXCUBE-E32 Datasheet
52Kb / 5P
   Planar E cores and accessories
2008 Sep 01
E32-3C90 FERROXCUBE-E32-3C90 Datasheet
52Kb / 5P
   Planar E cores and accessories
E32-3C90 FERROXCUBE-E32-3C90 Datasheet
59Kb / 5P
   E cores and accessories
More results

Similar Description - E32T24S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32C312M OMRON-E32C312M Datasheet
17Mb / 67P
   Fiber Sensors
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
Omron Electronics LLC
E3X-DA41RM-S OMRON-E3X-DA41RM-S Datasheet
5Mb / 34P
   Digital Fiber Sensors
E3X-DA-S OMRON-E3X-DA-S Datasheet
1Mb / 28P
   Digital Fiber Sensors
E3X-DA8-S OMRON-E3X-DA8-S Datasheet
5Mb / 34P
   Digital Fiber Sensors
logo
SICK AG
LL3-DM02 SICK-LL3-DM02 Datasheet
230Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DJ02 SICK-LL3-DJ02 Datasheet
231Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DC06 SICK-LL3-DC06 Datasheet
207Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DC04 SICK-LL3-DC04 Datasheet
212Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DB09 SICK-LL3-DB09 Datasheet
237Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com