Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E53-CK01 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E53-CK01
Description  Advanced, 1/16-DIN Ramp/Soak Process Controllers Ideal for Worldwide Use
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-CK01 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E53-CK01 Datasheet HTML 1Page - Omron Electronics LLC E53-CK01 Datasheet HTML 2Page - Omron Electronics LLC E53-CK01 Datasheet HTML 3Page - Omron Electronics LLC E53-CK01 Datasheet HTML 4Page - Omron Electronics LLC E53-CK01 Datasheet HTML 5Page - Omron Electronics LLC E53-CK01 Datasheet HTML 6Page - Omron Electronics LLC E53-CK01 Datasheet HTML 7Page - Omron Electronics LLC E53-CK01 Datasheet HTML 8Page - Omron Electronics LLC E53-CK01 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Ramp/Soak Process Controller
E5CK--T
A--183
J Option Board Ratings and Characteristics
Model
Description
Specifications
E53-CKB
Event input
Contact input:
ON: 1 k
Ω max., OFF: 100 kΩ min.
No-contact input:
ON: residual voltage 1.5 V max., OFF: leakage current 0.1 mA max.
E53-CK01
Communications
RS-232C
Transmission method: Half-duplex
Synchronization method: Start-stop synchronization (asynchronous method)
E53-CK03
RS-485
Synchronization method: Start-stop synchronization (asynchronous method)
Baud rate: 1.2/2.4/4.8/9.6/19.2 kbps
E53-CKF
Transfer output
4to20mA:
Permissible load impedance: 500
Ω max.
Resolution: approx. 2,600 steps
Note: Event input is used for switching the pattern number, run or reset command, or automatic and manual mode with an external signal
input.
Temperature Ranges
Platinum Resistance Thermometer
Input (switch selectable)
JPt100
Pt100
Range
°C
--199.9
° to 650.0°
--199.9
° to 650.0°
°F
--199.9
° to 999.9°
--199.9
° to 999.9°
Resolution
°C/°F (main setting and alarm)
0.1
0.1
Thermocouple
Input (switch
selectable)
K1
K2
J1
J2
T
E
L1
L2
U
N
R
S
B
W
PLII
Range
°C
--200
to
1,300
0.0 to
500.0
--100
to 850
0.0 to
400.0
--199.9
to
400.0
0to
600
--100
to 850
0.0 to
400.0
--199.9
to
400.0
--200
to
1,300
0to
1,700
0to
1,700
100 to
1,800
0to
2,300
0to
1,300
°F
--300
to
2,300
0.0 to
900.0
--100
to
1,500
0.0 to
750.0
--199.9
to
700.0
0to
1,100
--100
to
1,500
0.0 to
750.0
--199.9
to
700.0
--300
to
2,300
0to
3,000
0to
3,000
300 to
3,200
0to
4,100
0to
2,300
Resolution
°C/°F(main
setting, alarm)
1
0.1
1
0.1
0.1
1
1
0.1
0.1
1
1
1
1
1
1
Note: 1. Setting number is factory-set to 2 (K1).
2. Thermocouple W is W/Re 5-26 (tungsten rhenium 5, tungsten rhenium 26).
Current/Voltage
Input (switch selectable)
Current input
Voltage input
4to20mA
0to20mA
1to 5 V
0to 5 V
0to 10V
Range
One of following ranges depending on results of scaling
--1999 to 9999
--199.9 to 999.9
--19.99 to 99.99
--1.999 to 9.999
Resolution (main setting and alarm)
Depends on range selected


Similar Part No. - E53-CK01

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E53-CK01 OMRON-E53-CK01 Datasheet
273Kb / 22P
   Advanced, Compact Digital Controllers
More results

Similar Description - E53-CK01

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E53Q4 OMRON-E53Q4 Datasheet
967Kb / 10P
   Advanced Digital Controllers Ideal for Worldwide Use
E53-Q OMRON-E53-Q Datasheet
967Kb / 10P
   Advanced Digital Controllers Ideal for Worldwide Use
logo
Extech Instruments Corp...
48VTR EXTECH-48VTR Datasheet
233Kb / 14P
   1/16 DIN Process Controller
logo
Red Lion Controls. Inc
P4810000 REDLION-P4810000 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4811110 REDLION-P4811110 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4811112 REDLION-P4811112 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
logo
Omron Electronics LLC
E5CSV OMRON-E5CSV Datasheet
580Kb / 20P
   Simple to Set and Operate 1/16 DIN Size Controllers
logo
Extech Instruments Corp...
96VTR EXTECH-96VTR Datasheet
273Kb / 15P
   1/4 DIN Process Controller
logo
RSG Electronic Componen...
ZWS5 RSG-ZWS5 Datasheet
466Kb / 4P
   Single Output Low Cost, Worldwide Use
logo
List of Unclassifed Man...
IR32V0L000 ETC2-IR32V0L000 Datasheet
339Kb / 1P
   DIGITAL TEMPERATURE & PROCESS CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com