Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CQM1H-CLK21 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # CQM1H-CLK21
Description  Programmable Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CQM1H-CLK21 Datasheet(HTML) 4 Page - Omron Electronics LLC

  CQM1H-CLK21 Datasheet HTML 1Page - Omron Electronics LLC CQM1H-CLK21 Datasheet HTML 2Page - Omron Electronics LLC CQM1H-CLK21 Datasheet HTML 3Page - Omron Electronics LLC CQM1H-CLK21 Datasheet HTML 4Page - Omron Electronics LLC CQM1H-CLK21 Datasheet HTML 5Page - Omron Electronics LLC CQM1H-CLK21 Datasheet HTML 6Page - Omron Electronics LLC CQM1H-CLK21 Datasheet HTML 7Page - Omron Electronics LLC CQM1H-CLK21 Datasheet HTML 8Page - Omron Electronics LLC CQM1H-CLK21 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
A--155
Programmable Controller
CQM1H
J
INNER BOARDS
Stock Note: Shaded models are normally stocked.
Item
Specifications
International
standards
Part number
High-speed counter board
4 pulse inputs (high-speed counter) at 500 kHz max.
4 external outputs
U, C, N, CE
CQM1H-CTB41
Pulse I/O board
2 pulse inputs:
Single-phase: 50 kHz,
Differential phase: 25 kHz
2 pulse outputs:
50 kHz max., both fixed and vari-
able duty factors are supported.
U, C
CQM1H-PLB21
Absolute encoder interface
board
2 absolute encoder (gray code binary) inputs (4 kHz)
U, C, N
CQM1H-ABB21
Analog setting board
4 analog settings
U, C, N, CE
CQM1H-AVB41
Analog I/O board
4 analog inputs of 0 to 5 V, 0 to 20 mA, --10 to +10 V
2 analog outputs of 0 to 20 mA, --10 to +10 V
CE
CQM1H-MAB42
Serial communications
board
One RS-232C port and one RS-422A/RS-485 port
U, C, N, CE
CQM1H-SCB41
Note: U: UL, C: CSA, N: NK, L: LLOYD, CE: EC Directives
J
COMMUNICATION MODULES
Stock Note: Shaded models are normally stocked.
Controller Network Module
Item
Specifications
International
standards
Part number
Controller Link module
(wired)
Data link (Maximum number of words per node: 8,000)
Communications instructions: SEND/RECV/CMND
U, C, CE
CQM1H-CLK21
Field Network Modules
Item
Specifications
International
standards
Part number
CompoBus/S
master module
Number of I/O points per Master: 128
(64 inputs and 64 outputs; )
Communications cycle time: 0.5 ms min.
Max. transmission distance:
500 m in long-distance mode
100 m in high-speed mode
Max. slaves per master: 32
U, C, CE
CQM1-SRM21-V1
SYSMAC
BUS
modules
Remote master
(*Use G730
transistor and
relay output
modules.)
Connects CQM1H to G730 SYSMAC BUS remote I/O
modules; max. 64 I/O (32 or 16 inputs or outputs, DIP
switch selectable)
Number of I/O points per Master: 128
Communications cycle time: 187.5 kbps
Max. transmission distance: 200 m
One master and two expansions allowed per system
CQM1-G7M21
Input
expansion
Expands G730 input capacity of G730 remote master;
adds 32 or 16 inputs, DIP switch selected
CQM1-G7N11
Output
expansion
Expands G730 output capacity of G730 remote master;
adds 32 or 16 outputs, DIP switch selected
CQM1-G7N01
DeviceNet I/O link module
Number of I/O points: 16 inputs and 16 outputs
Maps the 16 inputs and 16 outputs as a single node.
CQM1-DRT21
Profibus-DP I/O link unit
Number of I/O points: 128 inputs and 128 outputs
U, C, CE
CQM1-PRT21
AS-interface master module
Number of I/O points: 248 (124 inputs and 124 outputs; 4
inputs/4 outputs per slave)
Communications cycle time: 5.148 ms min.
Max. transmission distance: 100 m;
300 m with 2 repeaters
Max. slaves per master: 31 slaves per master module
U, C, CE
CQM1-ARM21
Note: *G730 transistor and relay output modules are shown in the Complementary Products section in this catalog.


Similar Part No. - CQM1H-CLK21

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CQM1H-PRO01-E OMRON-CQM1H-PRO01-E Datasheet
344Kb / 15P
   CJ1 Ordering Guide
More results

Similar Description - CQM1H-CLK21

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
   Programmable Controller
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
   Programmable Interrupt Controller
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
NXP Semiconductors
TDA9151B PHILIPS-TDA9151B Datasheet
473Kb / 36P
   Programmable deflection controller
July 1994
logo
Altera Corporation
A8237 ALTERA-A8237 Datasheet
269Kb / 22P
   PROGRAMMABLE DMA CONTROLLER
logo
SELEC Controls Pvt. Ltd
MM1013 SELEC-MM1013 Datasheet
80Kb / 2P
   Programmable Logic Controller
logo
Analog Devices
AD7147 AD-AD7147_17 Datasheet
1Mb / 71P
   CapTouch Programmable Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com