Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN2510S26X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN2510S26X
Description  100 mA CMOS LDO Regulators with Fast Start Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2510S26X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN2510S26X Datasheet HTML 1Page - Fairchild Semiconductor FAN2510S26X Datasheet HTML 2Page - Fairchild Semiconductor FAN2510S26X Datasheet HTML 3Page - Fairchild Semiconductor FAN2510S26X Datasheet HTML 4Page - Fairchild Semiconductor FAN2510S26X Datasheet HTML 5Page - Fairchild Semiconductor FAN2510S26X Datasheet HTML 6Page - Fairchild Semiconductor FAN2510S26X Datasheet HTML 7Page - Fairchild Semiconductor FAN2510S26X Datasheet HTML 8Page - Fairchild Semiconductor FAN2510S26X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.fairchildsemi.com
REV. 1.0.6 2/14/03
Features
• Ultra Low Power Consumption
• Enable optimized for CDMA time slices
• 100 mV dropout voltage at 100 mA
• 25 µA ground current at 100 mA
• Enable/Shutdown Control
• SOT23-5 package
• Thermal limiting
• 300 mA peak current
Applications
• Cellular Phones and accessories
•PDAs
• Portable cameras and video recorders
• Laptop, notebook and palmtop computers
Description
The FAN2510/11 family of micropower low-dropout voltage
regulators utilize CMOS technology to offer a new level of
cost-effective performance in GSM, TDMA, and CDMA
cellular handsets, Laptop and Notebook portable computers,
and other portable devices. Features include extremely low
power consumption and low shutdown current, low dropout
voltage, exceptional loop stability able to accommodate a
wide variety of external capacitors, and the compact SOT23-5
surface-mount package. In addition, the FAN2510/11 family
offer the fast power-cycle time required in CDMA handset
applications. These products offer significant improvements
over older BiCMOS designs and are pin-compatible with
many popular devices. The output is thermally protected
against overload.
The FAN2510 and FAN2511 devices are distinguished by
the assignment of pin 4:
FAN2510: pin 4 – ADJ, allowing the user to adjust the
output voltage over a wide range using an external voltage
divider.
FAN2510-XX: pin 4 – BYP, to which a bypass capacitor
may be connected for optimal noise performance. Output
voltage is fixed, indicated by the suffix XX.
FAN2511-XX: pin 4 – ERR, a flag which indicates that the
output voltage has dropped below the specified minimum
due to a fault condition.
The standard fixed output voltages available are 2.5V, 2.6V,
2.7V, 2.8V, 2.85V, 3.0V, and 3.3V. Custom output voltage are
also available: please contact your local Fairchild Sales
Office for information.
FAN2510, FAN2511
100 mA CMOS LDO Regulators with Fast Start Enable
Block Diagrams
FAN2510
EN
ADJ
GND
Thermal
Sense
p
VIN
VOUT
Bandgap
Error
Amplifier
FAN25100-XX
EN
BYP
GND
GND
Bandgap
Thermal
Sense
p
Error
Amplifier
VIN
VOUT
FAN2511-XX
EN
ERR
Bandgap
Thermal
Sense
p
Error
Amplifier
VIN
VOUT


Similar Part No. - FAN2510S26X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2510SX FAIRCHILD-FAN2510SX Datasheet
259Kb / 10P
   100 mA CMOS LDO Regulators
logo
ON Semiconductor
FAN2510SX ONSEMI-FAN2510SX Datasheet
944Kb / 14P
   CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
More results

Similar Description - FAN2510S26X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2518 FAIRCHILD-FAN2518 Datasheet
246Kb / 10P
   50 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512 Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2514 FAIRCHILD-FAN2514 Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512_10 Datasheet
305Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
FAN2512 ONSEMI-FAN2512 Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
FAN2510 ONSEMI-FAN2510 Datasheet
944Kb / 14P
   CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
logo
Fairchild Semiconductor
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500_10 Datasheet
499Kb / 10P
   100 mA CMOS LDO Regulators
FAN2510 FAIRCHILD-FAN2510_10 Datasheet
259Kb / 10P
   100 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com