Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CQM1-TC304 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # CQM1-TC304
Description  Programmable Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CQM1-TC304 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button CQM1-TC304 Datasheet HTML 5Page - Omron Electronics LLC CQM1-TC304 Datasheet HTML 6Page - Omron Electronics LLC CQM1-TC304 Datasheet HTML 7Page - Omron Electronics LLC CQM1-TC304 Datasheet HTML 8Page - Omron Electronics LLC CQM1-TC304 Datasheet HTML 9Page - Omron Electronics LLC CQM1-TC304 Datasheet HTML 10Page - Omron Electronics LLC CQM1-TC304 Datasheet HTML 11Page - Omron Electronics LLC CQM1-TC304 Datasheet HTML 12Page - Omron Electronics LLC CQM1-TC304 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
A--160
Programmable Controller
CQM1H
J
CPU UNIT SPECIFICATIONS
Characteristics
Item
Specifications
Control method
Stored program method
I/O control method
Cyclic scan and direct output/immediate interrupt processing
Programming language
Ladder-diagram programming
I/O capacity
CQM1H-CPU11/21: 256
CQM1H-CPU51/61: 512
Program capacity
CQM1H-CPU11/21 : 3.2 kwords
CQM1H-CPU51
: 7.2 kwords
CQM1H-CPU61
: 15.2 kwords
User data memory capacity
CQM1H-CPU11/21 : 3 kwords
CQM1H-CPU51
: 6 kwords
CQM1H-CPU61
: 12 kwords (DM: 6 kwords; EM: 6 kwords)
Instruction length
1 step per instruction, 1 to 4 words per instruction
Number of instructions
162 (14 basic, 148 special instructions)
Instruction execution times
Basic instructions:
0.375 to 1.125
µs
Special instructions: 17.7
µs (MOV instruction)
Overseeing time
0.70 ms
Mounting structure
No backplane (Modules are joined horizontally using connectors)
Mounting
DIN Track mounting (screw mounting not possible)
CPU built-in DC input points
16
Maximum number of modules
Maximum of 11 modules total for I/O modules and Dedicated I/O modules
Inner Boards
CQM1H-CPU11/21: None
CQM1H-CPU51/61: 2 Boards
Communications modules
(Controller Link Module)
CQM1H-CPU11/21: None
CQM1H-CPU51/61: 1 module
Types of
interrupts
Input interrupts
(4 inputs max.)
Input Interrupt Mode:
Interrupts are executed in response to inputs from external sources to the CPU’s built-in input
points.
Counter Mode:
Interrupts are executed in response to reception of a set number of pulses (counted down) via the
CPU’s internal built-in input points (4 points).
Interval timer
interrupts
(3 timers max.)
Scheduled Interrupt Mode:
Program is interrupted at regular intervals measured by one of the CPU’s internal timers.
One-shot Interrupt Mode:
An interrupt is executed after a set time, measured by one of the CPU’s internal timers.
High-speed counter
interrupts
Target Value Comparison:
Interrupt is executed when the high-speed counter PV is equal to a specified value.
Range Comparison:
Interrupt is executed when the high-speed counter PV lies within a specified range.
Counting is possible for high-speed counter inputs from the CPU’s internal input points, Pulse I/O
Boards, or Absolute Encoder Interface Boards. (The High-speed Counter Board has no interrupt
function, but can output bit patterns internally and externally.)
I/O allocations
I/O is automatically allocated in order from the Unit nearest to the CPU. (Because there are no I/O
tables, it is not necessary to create I/O tables from a Programming Device.)


Similar Part No. - CQM1-TC304

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CQM1-TC001 OMRON-CQM1-TC001 Datasheet
2Mb / 158P
   CQM1 Programmable Controllers
CQM1-TC002 OMRON-CQM1-TC002 Datasheet
2Mb / 158P
   CQM1 Programmable Controllers
CQM1-TC101 OMRON-CQM1-TC101 Datasheet
2Mb / 158P
   CQM1 Programmable Controllers
CQM1-TC102 OMRON-CQM1-TC102 Datasheet
2Mb / 158P
   CQM1 Programmable Controllers
More results

Similar Description - CQM1-TC304

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
   Programmable Controller
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
   Programmable Interrupt Controller
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
NXP Semiconductors
TDA9151B PHILIPS-TDA9151B Datasheet
473Kb / 36P
   Programmable deflection controller
July 1994
logo
Altera Corporation
A8237 ALTERA-A8237 Datasheet
269Kb / 22P
   PROGRAMMABLE DMA CONTROLLER
logo
SELEC Controls Pvt. Ltd
MM1013 SELEC-MM1013 Datasheet
80Kb / 2P
   Programmable Logic Controller
logo
Analog Devices
AD7147 AD-AD7147_17 Datasheet
1Mb / 71P
   CapTouch Programmable Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com