Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1W-CN226 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # CS1W-CN226
Description  Programmable Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-CN226 Datasheet(HTML) 3 Page - Omron Electronics LLC

  CS1W-CN226 Datasheet HTML 1Page - Omron Electronics LLC CS1W-CN226 Datasheet HTML 2Page - Omron Electronics LLC CS1W-CN226 Datasheet HTML 3Page - Omron Electronics LLC CS1W-CN226 Datasheet HTML 4Page - Omron Electronics LLC CS1W-CN226 Datasheet HTML 5Page - Omron Electronics LLC CS1W-CN226 Datasheet HTML 6Page - Omron Electronics LLC CS1W-CN226 Datasheet HTML 7Page - Omron Electronics LLC CS1W-CN226 Datasheet HTML 8Page - Omron Electronics LLC CS1W-CN226 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
A--154
Programmable Controller
CQM1H
J
I/O EXPANSION AND CONTROL INTERFACE ADAPTERS
Stock Note: Shaded models are normally stocked.
Use I/O Expansion and Control Interface adapters for applications that require 11 to 16 I/O modules.
Memory
Memory capacity/Clock function
International
standards
Part number
I/O control adapter
Connects to right-hand side of CPU block
U, C, CE
CQM1H-IC101
I/O interface adapter
Connects to left-hand side of Expansion I/O block
,
,
CQM1H-II101
I/O extension cable
Connects the I/O control mod-
l t th I/O i t f
d l
Cable length: 0.3 m
L, CE
CS1W-CN313
/
/
ule to the I/O interface module
Cable length: 0.7 m
,
CS1W-CN713
Note: U: UL, C: CSA, N: NK, L: LLOYD, CE: EC Directives
J
I/O MODULES
Stock Note: Shaded models are normally stocked.
Input Modules
Input type
Number
of inputs
Input voltage
Input
current
Common type
Connector
type
International
standards
Part number
DC inputs
8
12 to 24 VDC
10 mA
Independent
Terminal
bl
k
U, C, N, L, CE
CQM1-ID211
p
16
12 VDC
6mA
Shared
block
U, C
CQM1-ID111
24 VDC
U, C, N, L, CE
CQM1-ID212
32
12 VDC
4mA
Shared
Connector
U, C
CQM1-ID112
24 VDC
U, C, N, L, CE
CQM1-ID213
AC inputs
8
100 to 120 VAC
5mA
Shared
Terminal
bl
k
U, C, L, CE
CQM1-IA121
p
200 to 240 VAC
6mA
block
,
, ,
CQM1-IA221
Output Modules
Output type
Number
of outputs
Max. switching
voltage
Max. switch-
ing current
Common type
Connector
type
International
standards
Part number
Contact
t
t
8
250 VAC,
24 VDC
2A
Independent
Terminal
bl
k
U, C, N, L
CQM1-OC221
outputs
16
,
24 VDC
Shared
block
,
,
,
CQM1-OC222
8
Independent
CE, U
CQM1-OC224
Transistor
8
24 VDC
2A(NPN)
Shared
(f
d)
Terminal
bl
k
U, C, N, L, CE
CQM1-OD211
16
0.3 A (NPN)
(fused)
block
,
,
, ,
CQM1-OD212
32
0.1 A (NPN)
Connector
CQM1-OD213
Transistor
8
24 VDC
1A(PNP)
Shared
(f
d)
Terminal
bl
k
U, C, L, CE
CQM1-OD215
16
0.3 A (PNP)
(fused)
block
,
, ,
CQM1-OD214
32
0.5 A (PNP)
Connector
CE
CQM1-OD216
Triac
8
240 VAC
0.4 A
Shared (short
circuit pro
Terminal
block
U, C, L
CQM1-OA221
6
circuit pro-
tected
block
CE
CQM1-OA222


Similar Part No. - CS1W-CN226

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CS1W-CN226 OMRON-CS1W-CN226 Datasheet
344Kb / 15P
   CPU Selection
CS1W-CN226 OMRON-CS1W-CN226 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
CS1W-CN226 OMRON-CS1W-CN226 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
More results

Similar Description - CS1W-CN226

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
   Programmable Controller
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
   Programmable Interrupt Controller
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
NXP Semiconductors
TDA9151B PHILIPS-TDA9151B Datasheet
473Kb / 36P
   Programmable deflection controller
July 1994
logo
Altera Corporation
A8237 ALTERA-A8237 Datasheet
269Kb / 22P
   PROGRAMMABLE DMA CONTROLLER
logo
SELEC Controls Pvt. Ltd
MM1013 SELEC-MM1013 Datasheet
80Kb / 2P
   Programmable Logic Controller
logo
Analog Devices
AD7147 AD-AD7147_17 Datasheet
1Mb / 71P
   CapTouch Programmable Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com