Electronic Components Datasheet Search |
|
CBL-202 Datasheet(PDF) 2 Page - Omron Electronics LLC |
|
CBL-202 Datasheet(HTML) 2 Page - Omron Electronics LLC |
2 / 22 page A--153 Programmable Controller CQM1H Ordering Information J CPU Stock Note: Shaded models are normally stocked. Specifications International t d d Part number Memory capacity Max. I/O capacity Built-in inputs Built-in RS-232C port Support of Inner Boards Support of Con- troller Link Unit standards Program: 3.2 kwords DM 3 k d 256 points 16 DC i t No No No U, C, N, CE CQM1H-CPU11 g DM area: 3 kwords p inputs Yes , , , CQM1H-CPU21 Program: 7.2 kwords DM area: 6 kwords 512 points Yes Yes CQM1H-CPU51 Program: 15.2 kwords DM area: 6 kwords EM area: 6 kwords CQM1H-CPU61 J POWER SUPPLY MODULES Stock Note: Shaded models are normally stocked. Item Specifications International t d d Part number Rated voltage Allowed voltage range Output capacity Service power supply standards AC power supply modules 100 to 240 VAC 85 to 265 VAC 18 W None U, C, N, L, CE CQM1-PA203 supply modules 240 VAC, 50/60 Hz 30 W 24 VDC, 0.5 A U, C, L, N CQM1-PA206 110/230 VAC, 50/60 Hz 80 to 138 VAC 160 to 276 VAC 30 W 24 VDC, 0.5 A CE CQM1-PA216 DC power supply modules 24 VDC 20 to 28 VDC 30 W — U, C, N, L, CE CQM1-PD026 J MEMORY CASSETTES Stock Note: Shaded models are normally stocked. Memory Memory capacity/Clock function International standards Part number Flash memory 16 kwords U, C, N, CE CQM1H-ME16K y with clock , , , CQM1H-ME16R EEPROM 8kwords U, C, N, L, CE CQM1-ME08K with clock , , , , CQM1-ME08R 4kwords CQM1-ME04K with clock CQM1-ME04R EPROM memory cassette (Memory chip not included) Cassette with IC socket only (EPROM chip sold separately) CQM1-MP08K ( e o y c p o c uded) with clock CQM1-MP08R EPROM chip 128 KB (8 kwords), 150 ns, 27128 IC or equivalent, 12.5 V L ROM-ID-B 256 KB (16 kwords), 150 ns, 27256 IC or equivalent, 12.5 V CE ROM-JD-B 512 KB (32 kwords), 150 ns, 27512 IC or equivalent, 12.5 V ROM-KD-B |
Similar Part No. - CBL-202 |
|
Similar Description - CBL-202 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |