Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-15EWX06FN-M3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-15EWX06FN-M3
Description  Hyperfast Rectifier, 15 A FRED Pt®
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-15EWX06FN-M3 Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-15EWX06FN-M3 Datasheet HTML 1Page - Vishay Siliconix VS-15EWX06FN-M3 Datasheet HTML 2Page - Vishay Siliconix VS-15EWX06FN-M3 Datasheet HTML 3Page - Vishay Siliconix VS-15EWX06FN-M3 Datasheet HTML 4Page - Vishay Siliconix VS-15EWX06FN-M3 Datasheet HTML 5Page - Vishay Siliconix VS-15EWX06FN-M3 Datasheet HTML 6Page - Vishay Siliconix VS-15EWX06FN-M3 Datasheet HTML 7Page - Vishay Siliconix VS-15EWX06FN-M3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 93239
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 05-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VS-15EWX06FN-M3
Hyperfast Rectifier, 15 A FRED Pt®
Vishay Semiconductors
New Product
Fig. 1 - Typical Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
VF - Forward Voltage Drop (V)
0.2
0.7
1.2
1.7
2.7
2.2
3.7
3.2
0.1
1
10
100
93239_01
T
J = 25 °C
T
J = 125 °C
T
J = 150 °C
T
J = 175 °C
VR - Reverse Voltage (V)
0
100
200
300
500
400
600
0.001
0.01
0.1
1
10
100
1000
93239_02
T
J = 125 °C
T
J = 175 °C
T
J = 150 °C
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C
VR - Reverse Voltage (V)
0
100
200
400
500
300
600
1
100
10
93239_03
0.01
0.1
1
10
0.00001
93239_04
0.0001
0.001
0.01
0.1
t1 - Rectangular Pulse Duration (s)
1
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01
Single pulse
(thermal resistance)


Similar Part No. - VS-15EWX06FN-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-15EWX06FN-M3 VISHAY-VS-15EWX06FN-M3 Datasheet
163Kb / 7P
   Hyperfast Rectifier, 15 A FRED Pt짰
01-Jan-2022
VS-15EWX06FN-M3 VISHAY-VS-15EWX06FN-M3_V01 Datasheet
163Kb / 7P
   Hyperfast Rectifier, 15 A FRED Pt짰
01-Jan-2022
More results

Similar Description - VS-15EWX06FN-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ETX1506S-M3 VISHAY-VS-ETX1506S-M3 Datasheet
197Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 09-Jul-15
15ETX06PBF VISHAY-15ETX06PBF_12 Datasheet
198Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 02-Jan-11
VS-15ETH06SPBF VISHAY-VS-15ETH06SPBF Datasheet
166Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 09-Jul-15
VS-15ETX06PBF VISHAY-VS-15ETX06PBF Datasheet
201Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 02-Jan-11
15EWH06FN-M3 VISHAY-15EWH06FN-M3 Datasheet
156Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 05-Apr-11
VS-15ETH06PBF VISHAY-VS-15ETH06PBF Datasheet
209Kb / 9P
   Hyperfast Rectifier, 15 A Fred Pt®
Revision: 13-May-16
VS-ETH1506FP-M3 VISHAY-VS-ETH1506FP-M3 Datasheet
203Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 11-Mar-11
VS-15ETH03SPBF VISHAY-VS-15ETH03SPBF Datasheet
181Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 11-Mar-10
15EWH06FN-M3 VISHAY-15EWH06FN-M3_13 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 05-Apr-11
15EWX06FN-M3 VISHAY-15EWX06FN-M3 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 05-Apr-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com