Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5037 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN5037
Description  Adjustable Switching Regulator Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5037 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN5037 Datasheet HTML 1Page - Fairchild Semiconductor FAN5037 Datasheet HTML 2Page - Fairchild Semiconductor FAN5037 Datasheet HTML 3Page - Fairchild Semiconductor FAN5037 Datasheet HTML 4Page - Fairchild Semiconductor FAN5037 Datasheet HTML 5Page - Fairchild Semiconductor FAN5037 Datasheet HTML 6Page - Fairchild Semiconductor FAN5037 Datasheet HTML 7Page - Fairchild Semiconductor FAN5037 Datasheet HTML 8Page - Fairchild Semiconductor FAN5037 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.fairchildsemi.com
REV. 1.0.3 9/26/01
Features
• High power switch-mode DC-DC controller can provide
in excess of 13A
• Output voltage adjustable from 1.2V to 3.6V
• 85% efficiency
• Cumulative accuracy < 3% over line, load, and
temperature variations
• Overvoltage and short circuit protection
• Built-in soft start
• No overshoot at turn-on
Applications
• I/O and AGP power for desktop computers
• High efficiency power for ASICs
• High efficiency power for DSPs
• Adjustable step-down power supplies
Description
The FAN5037 is a high power, switch-mode DC-DC control-
ler that provides efficient power for all low-voltage applica-
tions. This controller has a built-in Soft Start feature which
offers system protection during power-up by reducing both
inrush current and output overshoot. When combined with
the appropriate external circuitry, the FAN5037 can deliver
load currents as high as 13A at efficiencies as high as 88%.
The FAN5037 can generate output voltages from 1.2V up to
3.6V using external resistors.
The FAN5037 is designed to operate in a constant on-time
control mode under all load conditions. Its accurate low TC
reference eliminates the need for precision external compo-
nents in order to achieve the tight tolerance voltage regula-
tion required by many applications. Short circuit current
protection is provided through the use of a current sense
resistor, while overvoltage protection is provided internally.
Block Diagram
Feedback Control
Oscillator
Digital Logic
FAN5037
1.20V
Reference
Vout
+12V
5V
+5V
1
CEXT
VCCA 2
IFBL 4
IFBH 3
VCCP 8
7
DRV
GNDP 6
VFB 5
FAN5037
Adjustable Switching Regulator Controller


Similar Part No. - FAN5037

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5037 FAIRCHILD-FAN5037 Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
FAN5037 FAIRCHILD-FAN5037 Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
FAN5037M FAIRCHILD-FAN5037M Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
FAN5037M FAIRCHILD-FAN5037M Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
FAN5037MX FAIRCHILD-FAN5037MX Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
More results

Similar Description - FAN5037

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC5037 FAIRCHILD-RC5037 Datasheet
81Kb / 12P
   Adjustable Switching Regulator Controller
FAN5037M FAIRCHILD-FAN5037M Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
FAN5037MX FAIRCHILD-FAN5037MX Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com