Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5037 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN5037
Description  Adjustable Switching Regulator Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5037 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5037 Datasheet HTML 3Page - Fairchild Semiconductor FAN5037 Datasheet HTML 4Page - Fairchild Semiconductor FAN5037 Datasheet HTML 5Page - Fairchild Semiconductor FAN5037 Datasheet HTML 6Page - Fairchild Semiconductor FAN5037 Datasheet HTML 7Page - Fairchild Semiconductor FAN5037 Datasheet HTML 8Page - Fairchild Semiconductor FAN5037 Datasheet HTML 9Page - Fairchild Semiconductor FAN5037 Datasheet HTML 10Page - Fairchild Semiconductor FAN5037 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PRODUCT SPECIFICATION
FAN5037
REV. 1.0.3 9/26/01
10
Mechanical Dimensions
8 Lead SOIC Package
85
14
D
A
A1
– C –
ccc C
LEAD COPLANARITY
SEATING
PLANE
e
B
L
h x 45
°
C
α
EH
A
.053
.069
1.35
1.75
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
A1
.004
.010
0.10
0.25
.020
0.51
B
.013
0.33
C
.008
.010
0.20
0.25
E
.150
.158
3.81
4.01
e
.228
.244
5.79
6.20
.010
.020
0.25
0.50
H
.050 BSC
1.27 BSC
h
L
.016
.050
0.40
1.27
0
°
8
°
0
°
8
°
3
6
5
2
2
N8
8
α
ccc
.004
0.10
——
D
.189
.197
4.80
5.00
Notes:
1.
2.
3.
4.
5.
6.
Dimensioning and tolerancing per ANSI Y14.5M-1982.
"D" and "E" do not include mold flash. Mold flash or
protrusions shall not exceed .010 inch (0.25mm).
"L" is the length of terminal for soldering to a substrate.
Terminal numbers are shown for reference only.
"C" dimension does not include solder finish thickness.
Symbol "N" is the maximum number of terminals.


Similar Part No. - FAN5037

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5037 FAIRCHILD-FAN5037 Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
FAN5037 FAIRCHILD-FAN5037 Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
FAN5037M FAIRCHILD-FAN5037M Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
FAN5037M FAIRCHILD-FAN5037M Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
FAN5037MX FAIRCHILD-FAN5037MX Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
More results

Similar Description - FAN5037

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC5037 FAIRCHILD-RC5037 Datasheet
81Kb / 12P
   Adjustable Switching Regulator Controller
FAN5037M FAIRCHILD-FAN5037M Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
FAN5037MX FAIRCHILD-FAN5037MX Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com