Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPA424PN Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # DPA424PN
Description  DC-DC Forward Converter Design Guide
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DPA424PN Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button DPA424PN Datasheet HTML 6Page - Power Integrations, Inc. DPA424PN Datasheet HTML 7Page - Power Integrations, Inc. DPA424PN Datasheet HTML 8Page - Power Integrations, Inc. DPA424PN Datasheet HTML 9Page - Power Integrations, Inc. DPA424PN Datasheet HTML 10Page - Power Integrations, Inc. DPA424PN Datasheet HTML 11Page - Power Integrations, Inc. DPA424PN Datasheet HTML 12Page - Power Integrations, Inc. DPA424PN Datasheet HTML 13Page - Power Integrations, Inc. DPA424PN Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AN-31
C
7/04
10
the transformer increases in the positive direction during t
ON,
and resets to zero during the interval t
RZ. All the energy stored
in the magnetizing inductance is removed during t
RZ to charge
theresetcapacitorandtheclampcapacitortomaximumvoltage.
The flux increases in the negative direction during the interval
t
RN as the reset capacitor and the clamp capacitor discharge
into the magnetizing inductance. The flux remains a constant
negative value during the interval t
V0, where the voltage on the
transformer windings is zero. It is easy to see that the primary
voltage is zero during t
V0 because the drain voltage is the same
astheinputof72V.Thenegativemagnetizingcurrentcirculates
in the secondary winding during t
V0.
Figure 7(b) shows the drain voltage on the same circuit when
it operates at the nominal input of 48 VDC. The larger duty
ratio is consistent with the lower input voltage. Note that the
intervals t
RZ and tRN are the same as at 72 V input, but now tV0
is nearly zero.
Figure 7(c) shows the situation at input voltage of 36VDC, with
a corresponding larger duty ratio. The transformer has reset to
zero flux because the drain voltage has reached its peak during
the interval t
RZ. The drain voltage is in the region of negative
flux when the DPA-Switch turns on.
Peakdrainvoltageundernormaloperatingconditionsshouldbe
lessthan150V.Thisincludespeaksinthedrainvoltagefromthe
reset of both leakage inductance and magnetizing inductance.
Figure 8 shows three cases of improper transformer reset. The
prototypeexamplehasbeenmodifiedtocreatetheseillustrations.
The RC network has been removed from the output rectifier to
obtain the waveform in Figure 8(a). The clamp capacitor C
CP on
the primary is 47 pF. The magnetizing energy resets into only
the clamp capacitor and other stray capacitance. Consequently,
at 72 V input the drain voltage goes higher than desired. The
figure shows the maximum drain voltage at 152 V, in contrast
to 140 V in Figure 7(a) with a proper reset network. The Zener
clamp voltage of 150 V is specified at a current of 1 mA.
Although the Zener clamp just barely conducts at 152 V, there
is not sufficient margin in this design to tolerate a transformer
with lower primary inductance.
Figure8(b)illustratesthesituationoftoomuchcapacitance.The
RC reset network has been restored with a proper capacitance
of 2.2 nF, but C
CP is increased to 470 pF, ten times the original
value. The waveform shows operation at 36 VDC input and
full load. The flux in the transformer has just barely reset to
zero, as the DPA-Switch turns on at the end of the t
RZ interval.
Alarger magnetizing inductance or a lower input voltage would
not allow the transformer to reset.
The final example of an improper transformer reset is
Figure 8(c). Primary clamp capacitor C
CP is restored to its
original value of 47 pF, but the reset capacitor is increased to
47 nF. The converter is operating at 36 VDC. The drain voltage
shows clearly that the transformer is not resetting completely.
The DPA-Switch turns on within the interval t
RZ. The flux in
the transformer has not returned to zero. A small change in
operating conditions could cause the transformer to saturate
on every cycle or to run so close to saturation that it could not
accommodate change in duty ratio from a load step.
Output Capacitors
Theripplecurrentintheoutputinductorgeneratesavoltageripple
on the output capacitors. Part of the ripple voltage comes from
the integration of the current by the capacitance, and part comes
from the voltage that appears across the capacitorʼs equivalent
seriesresistance(ESR).Thecapacitormustbeselectedsuchthat
the capacitance is high enough and the ESR is low enough to
give acceptable voltage ripple with the chosen output inductor.
Usually most of the ripple voltage comes from the ESR. Ripple
voltage that is dominated by ESR has a triangular waveform
like the ripple current in the inductor. Ripple voltage that is
dominated by the capacitance has a waveform with segments
that are parabolic instead of linear.
Output capacitors in DC-DC converters are typically solid
tantalum. They are a good choice because of their low ESR and
low impedance at the frequencies used in these converters. The
ESR is also an important element in the design of the feedback
loop. In this regard, a moderate amount of ESR is desirable.
The section on Feedback Design elaborates on the values of
the components in the feedback circuit.
It is important for designers to know that the value of ESR
may change significantly over the specified temperature range.
The output ripple and the stability of the control loop can be
affected by the change in ESR. It is necessary to evaluate
prototype hardware at the extremes of temperature to confirm
satisfactory performance.
The voltage rating for the capacitors is typically 25% higher
thanthemaximumoperatingvoltageforreliability.Thederating
factor is thus 80%. For example, a 5 V output would have a
capacitor that is rated for either 6.3Vor 10V.The lower voltage
capacitorwouldbesmaller,whereasthehighervoltagecapacitor
would have a lower failure rate in the application.
Feedback Design
Stability is an important consideration for a switching power
supply.Three parameters that describe the characteristics of the
control loop are crossover frequency, phase margin and gain
margin. The crossover frequency is the frequency where the
magnitude of the loop gain passes through 0 dB. It is a measure
of the systemʼs bandwidth.


Similar Part No. - DPA424PN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA424PN-TL POWERINT-DPA424PN-TL Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
October 2022
More results

Similar Description - DPA424PN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA422PN POWERINT-DPA422PN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide
DPA422GN POWERINT-DPA422GN Datasheet
1Mb / 20P
   DPA-Switch DC-DC Forward Converter Design Guide
DPA425GN POWERINT-DPA425GN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide Application Note AN-31
DPA423GN POWERINT-DPA423GN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide Application Note AN-31
DPA425PN POWERINT-DPA425PN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide Application Note AN-31
DPA426R-TL POWERINT-DPA426R-TL Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide Application Note AN-31
logo
Silicon Laboratories
AN901 SILABS-AN901 Datasheet
634Kb / 25P
   DESIGN GUIDE FOR ISOLATED DC/DC
AN45 SILABS-AN45 Datasheet
219Kb / 14P
   DESIGN GUIDE FOR THE Si3210/15/16 DC-DC CONVERTER
AN892 SILABS-AN892 Datasheet
314Kb / 16P
   DESIGN GUIDE FOR ISOLATED DC/DC USING THE
logo
IXYS Corporation
IXAN0069 IXYS-IXAN0069 Datasheet
200Kb / 11P
   DC to DC Synchronous Converter Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com