Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5038 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN5038
Description  Dual Voltage Controller for DSP Power
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5038 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5038 Datasheet HTML 6Page - Fairchild Semiconductor FAN5038 Datasheet HTML 7Page - Fairchild Semiconductor FAN5038 Datasheet HTML 8Page - Fairchild Semiconductor FAN5038 Datasheet HTML 9Page - Fairchild Semiconductor FAN5038 Datasheet HTML 10Page - Fairchild Semiconductor FAN5038 Datasheet HTML 11Page - Fairchild Semiconductor FAN5038 Datasheet HTML 12Page - Fairchild Semiconductor FAN5038 Datasheet HTML 13Page - Fairchild Semiconductor FAN5038 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
FAN5038
PRODUCT SPECIFICATION
10
REV. 1.0.2 7/6/00
Output Voltage Selection
The FAN5038 precision reference is trimmed to be 1.5V
nominally. When using the FAN5038, the system designer
has complete flexibility in choosing the output voltage for
each regulator from 1.5V to 3.6V. This is done by appropri-
ately selecting the feedback resistors. These could be 0.1%
resistors to realize optimum output accuracy. The following
equations determine the output voltages of the two regulators:
Switching Regulator:
Linear Regulator:
where R8 > 1.5k
Ω and (R8 + R3) ≤ 25kΩ and R10 > 1.5kΩ
and (R9 + R10)
≤ 25kΩ
Example:
For 3.3V,
Input Capacitors
The number of input capacitors required for the FAN5038 is
dependent on their ripple current rating, which assures their
rated life. The number required may be determined by
where the duty cycle DC = Vout/Vin. For example, with a
1.5V output at 4A, 5V input, and using the Sanyo capacitors
specified in Table 1 which have a 1.9A ripple current rating,
we have DC = 1.5/5 = 0.3, and
so that we need 1 input capacitor.
Linear Regulator Design Considerations
Figure 1 shows the application schematic for the FAN5038
with an NPN used for the linear regulator.
Careful consideration must be given to the base current of
the power NPN device. The base current to the power NPN
device is limited by:
• The FAN5038 op-amp output current (50mA)
• The internal power dissipation of the FAN5038 package
• The
β of the power NPN device.
The internal FAN5038 power dissipation is the most impor-
tant limitation for this application. For optimum reliability,
we require that the junction temperature not exceed 130°C;
thus we can calculate the maximum power dissipation allow-
able for this 16-lead SOIC package as follows:
If we assume that the ambient temperature TA is 70°C and
the thermal resistance of the 16-lead SOIC package is
112°C/W, then the maximum power dissipation for the IC is:
where PSW is the internal power dissipation of the switching
regulator and PLN is the internal power dissipation of the linear
regulator. IOL is the linear regulator op-amp output current.
For VOUT = 3.3V nominal, the worst case output will be
determined by the current used.
For example, for a worst case VOUT = 3.135V, the maximum
op-amp output current is:
The power NPN transistor must have a minimum
β of 12.5 at
IL = 500mA in order to meet the internal power dissipation
limit of the 16-SOIC package.
V
OUT
1.5
R8
R3
+
R8
---------------------


×
=
V
OUT
1.5
R10
R9
+
R10
------------------------


×
=
V
OUT
1.5
R10
R9
+
R10
------------------------


×
1.5
12k
10k
+
10k
-------------------------


×
3.3V
==
=
No. Caps
I
out
DC
DC
2
*
I
rating
---------------------------------------
=
(2)
No. Caps
4∗ 0.3
0.3
2
1.9
----------------------------------
0.96
==
P
D
T
J max
() TA
RΘJA
-------------------------------
=
P
D
130
70
112
---------------------
0.533W
=
P
D
P
SW
P
LR
+
==
35mA
5.25V
×
()
12.6V
V
OUT
–V
BE
() I
OL
0.533W
×
+
I
OL
0.533W
35mA
5.25V
×
()
12.6V
3.135V
0.8V
()
-------------------------------------------------------------------
40mA
=
β
500mA
40mA
------------------
12.5
=


Similar Part No. - FAN5038

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
   8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
FAN5031MPX FAIRCHILD-FAN5031MPX Datasheet
424Kb / 3P
   8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
FAN5032 FAIRCHILD-FAN5032 Datasheet
479Kb / 6P
   8-Bit Programmable 2 to 4 Phase Synchronous Buck Controller
FAN5032MPX FAIRCHILD-FAN5032MPX Datasheet
479Kb / 6P
   8-Bit Programmable 2 to 4 Phase Synchronous Buck Controller
FAN5033 FAIRCHILD-FAN5033 Datasheet
873Kb / 39P
   8-Bit Programmable, 2- to 3-Phase, Synchronous Buck Controller
More results

Similar Description - FAN5038

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5602 TI-TPS5602 Datasheet
739Kb / 24P
[Old version datasheet]   DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
TPS5602IDBT TI1-TPS5602IDBT Datasheet
954Kb / 27P
[Old version datasheet]   DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
TPS56300 TI-TPS56300 Datasheet
700Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
TPS56302 TI-TPS56302 Datasheet
790Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
TPS56300 TI1-TPS56300_16 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
TMS320F240PQG4 TI-TMS320F240PQG4 Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
SMJ320F240 TI-SMJ320F240 Datasheet
1Mb / 99P
[Old version datasheet]   DSP CONTROLLER
TMS320F240 TI-TMS320F240_05 Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
SMJ320F240HFPM40 TI-SMJ320F240HFPM40 Datasheet
1Mb / 104P
[Old version datasheet]   DSP CONTROLLER
TMS320C242 TI-TMS320C242 Datasheet
803Kb / 66P
[Old version datasheet]   DSP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com