Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD00C0AWFP-E2 Datasheet(PDF) 1 Page - Rohm

Part # BD00C0AWFP-E2
Description  1A Variable Output LDO Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD00C0AWFP-E2 Datasheet(HTML) 1 Page - Rohm

  BD00C0AWFP-E2 Datasheet HTML 1Page - Rohm BD00C0AWFP-E2 Datasheet HTML 2Page - Rohm BD00C0AWFP-E2 Datasheet HTML 3Page - Rohm BD00C0AWFP-E2 Datasheet HTML 4Page - Rohm BD00C0AWFP-E2 Datasheet HTML 5Page - Rohm BD00C0AWFP-E2 Datasheet HTML 6Page - Rohm BD00C0AWFP-E2 Datasheet HTML 7Page - Rohm BD00C0AWFP-E2 Datasheet HTML 8Page - Rohm BD00C0AWFP-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
○Product structure : Silicon monolithic integrated circuit
○This product is not designed for protection against radioactive rays
1/18
TSZ02201-0T2T0AZ00060-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
08.Feb.2013 Rev.001
Datasheet
www.rohm.com
Single-Output LDO Regulator
1A Variable Output LDO Regulators
BD00C0AWxx series
●General Description
The BD00C0AW Series is a low-saturation regulator. The
output voltage can be arbitrarily configured depending on
the external resistor combination. This IC has a built-in
over-current protection circuit that prevents the
destruction of the IC due to output short circuit and a
thermal shutdown circuit that protects the IC from
thermal damage due to overloading.
●Features
Output Current capability : 1A
High Output Voltage Precision : ±1%
Low saturation with PDMOS output
Built-in over-current protection circuit that prevents
the destruction of the IC due to output short circuit
Built-in thermal shutdown circuit for protecting the IC
from thermal damage due to overloading
Low ESR Capacitor
●Applications
Audiovisual equipment, FPD’s, televisions, personal
computers or any other consumer device
●Key Specifications
Supply Voltage range:
4.0V to 26.5V
Output voltage range:
3.0V to 15.0V
Output Current:
1A
Output voltage Precision:
±1%
Operating temperature range:
-40℃
Ta≤+105℃
●Packages
W (Typ.) x D (Typ.) x H (Max.)
TO252-5
6.50mm x 9.50mm x 2.50mm
TO220CP-V5
10.00mm x 20.12mm x 4.60mm
●Typical Application Circuit
●Ordering Information
B
D
0
0
C
0
A
W
x
x
-
E 2
Part
Number
Output voltage
00:Variable
Current
capacity
C0A:1A
Shutdown
switch
W : With switch
Package
FP
: TO252-5
CP-V5:TO220CP-V5
Packaging specification
E2: Embossed tape and reel
●Lineup
Maximum output current (Max.)
Package
Orderable
Part Number
1A
TO252-5
Reel of 2000
BD00C0AWFP-E2
TO220CP-V5
Reel of 500
BD00C0AWCP-V5E2
TO252-5
TO220CP-V5
Figure 1. Typical Application Circuit


Similar Part No. - BD00C0AWFP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
BD00C0AWFPS-ME2 ROHM-BD00C0AWFPS-ME2 Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
More results

Similar Description - BD00C0AWFP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com