Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD00C0AWFP-E2 Datasheet(PDF) 2 Page - Rohm

Part # BD00C0AWFP-E2
Description  1A Variable Output LDO Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD00C0AWFP-E2 Datasheet(HTML) 2 Page - Rohm

  BD00C0AWFP-E2 Datasheet HTML 1Page - Rohm BD00C0AWFP-E2 Datasheet HTML 2Page - Rohm BD00C0AWFP-E2 Datasheet HTML 3Page - Rohm BD00C0AWFP-E2 Datasheet HTML 4Page - Rohm BD00C0AWFP-E2 Datasheet HTML 5Page - Rohm BD00C0AWFP-E2 Datasheet HTML 6Page - Rohm BD00C0AWFP-E2 Datasheet HTML 7Page - Rohm BD00C0AWFP-E2 Datasheet HTML 8Page - Rohm BD00C0AWFP-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Datasheet
Datasheet
2/18
TSZ02201-0T2T0AZ00060-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
08.Feb.2013 Rev.001
BD00C0AWxx series
www.rohm.com
●Pin Configurations
●Pin Description
Pin No.
Symbol
(BD00C0AWFP / BD00C0AWCP-V5)
Function
1
CTL
Output Control Pin
2
VCC
Power Supply Pin
3
N.C. / GND
N.C. Pin / GND
4
VO
Output Pin
5
ADJ
Variable Pin
Fin
GND / -
GND / -
※N.C.Pin can be open. Because it isn't connect it inside of IC.
●Block Diagram
TO252-5
(TOP VIEW)
1
2
3
4
5
TO220CP-V5
(TOP VIEW)
1 2 3 4 5
Figure 3. Block Diagram
Figure 2. Pin Configurations
GND / -
N.C. / GND
VREF: Bandgap Reference
OCP: Over Current Protection Circuit
TSD: Thermal Shut-Down Circuit
Driver: Power Transistor Driver


Similar Part No. - BD00C0AWFP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
BD00C0AWFPS-ME2 ROHM-BD00C0AWFPS-ME2 Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
More results

Similar Description - BD00C0AWFP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com